Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPWT-MH00 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HPWT-MH00
Description  Super Flux LEDs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HPWT-MH00 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HPWT-MH00 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HPWT-MH00 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HPWT-MH00 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HPWT-MH00 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HPWT-MH00 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HPWT-MH00 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1-28
Figure 4b. HPWT-XX00 Maximum DC
Forward Current vs. Ambient
Temperature.
Figure 3a. HPWR-M300 Relative
Luminous Flux vs. Forward Current.
Figure 3b. HPWA/HPWT-XX00
Relative Luminous Flux vs. Forward
Current.
Figure 4a. HPWR-M300/HPWA-XX00
Maximum DC Forward Current vs.
Ambient Temperature.
Figure 5a. HPWR-M300, HPWA-MX00 Relative Luminous
Intensity vs. Off Axis Angle.
1.0
0
OFF AXIS ANGLE (DEGREES)
0.8
0.6
0.5
0.7
0.2
100 90
0.1
0.3
0.4
80
70
60
50
40
20
10
0
30
10
20
30
40
50
60
70
80
90 100
0.9
70
1.0
0
FORWARD CURRENT (mA)
10
40
50
0.7
0.6
0.4
0.3
0.1
20
30
60
0.9
R
θJ-A = 200° C/W
0.8
0.5
0.2
R
θJ-A = 600° C/W
R
θJ-A = 400° C/W
120
70
0
AMBIENT TEMPERATURE (°C)
040
60
80
50
40
30
20
10
20
100
60
R
θJ-A = 300° C/W
R
θJ-A = 400° C/W
R
θJ-A = 500° C/W
R
θJ-A = 600° C/W
70
0
AMBIENT TEMPERATURE (°C)
60
50
30
20
10
R
θJ-A = 600° C/W
40
R
θJ-A = 400° C/W
R
θJ-A = 300° C/W
R
θJ-A = 500° C/W
120
040
60
80
20
100
70
1.0
0
FORWARD CURRENT (mA)
10
40
50
0.7
0.6
0.4
0.3
0.1
20
30
60
0.9
R
θJ-A = 200° C/W
R
θJ-A = 600° C/W
0.8
0.5
0.2
R
θJ-A = 400° C/W


Similar Part No. - HPWT-MH00

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
HPWT-MH00 LUMILEDS-HPWT-MH00 Datasheet
850Kb / 10P
   SuperFlux LEDs
HPWT-MH00-XXXX LUMILEDS-HPWT-MH00-XXXX Datasheet
850Kb / 10P
   SuperFlux LEDs
More results

Similar Description - HPWT-MH00

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-904UYL UOT-MVL-904UYL Datasheet
65Kb / 2P
   Super Flux LEDS
logo
Lite-On Technology Corp...
LTL913SEKS LITEON-LTL913SEKS Datasheet
204Kb / 9P
   Super Flux LEDs
LTL915SEKS LITEON-LTL915SEKS Datasheet
189Kb / 10P
   Super Flux LEDs
logo
Unity Opto Technology
MVL-904HUOL UOT-MVL-904HUOL Datasheet
62Kb / 2P
   Super Flux LEDS
MVL-914SG UOT-MVL-914SG Datasheet
61Kb / 2P
   Super Flux LEDS
logo
List of Unclassifed Man...
ULSF-X135 ETC-ULSF-X135 Datasheet
50Kb / 1P
   SUPER FLUX LEDS
logo
Gilway Technical Lamp
E601 GILWAY-E601 Datasheet
64Kb / 1P
   Super Flux LEDs
logo
Kingbright Corporation
L76761CPWC KINGBRIGHT-L76761CPWC Datasheet
91Kb / 1P
   SUPER FLUX LEDS
logo
Unity Opto Technology
MVL-904HUYL UOT-MVL-904HUYL Datasheet
62Kb / 2P
   Super Flux LEDS
MVL-904SG UOT-MVL-904SG Datasheet
65Kb / 2P
   Super Flux LEDS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com