Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HSDL-1001 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part No. HSDL-1001
Description  Infrared IrDA Compliant Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

   
 2 page
background image
2
13.21 ± 0.25
(0.52 ± 0.01)
0.43
(0.017)
MAX.
7.92 ± 0.25
(0.312 ± 0.01)
MAX.
1.27 ± 0.10
(0.05 ± 0.004)
(7x)
-C-
0.51 ± 0.08
(0.020 ± 0.003)
(8x)
8.88 ± 0.15
(0.349 ± 0.01)
15.13 ± 0.25
(0.596 ± 0.01)
-A-
DIMENSIONS IN MILLIMETERS (INCHES).
-B-
6.86 ± 0.25
(0.27 ± 0.01)
1
23456
7
8
6.4 ± 0.25
(0.25 ± 0.01)
3.43 ± 0.25
(0.14 ± 0.01)
5.94 ± 0.25
(0.23 ± 0.01)
3.12 ± 0.15
(0.123 ± 0.01)
6.22 ± 0.25
(0.24 ± 0.01)
3.80 ± 0.15
(0.150 ± 0.01)
3.24 ± 0.25
(0.128 ± 0.01)
0.60 ± 0.12
(0.02 ± 0.005)
4.56 ± 0.15
(0.180 ± 0.01)
1.12 ± 0.15
(0.44 ± 0.006)
COPLANARITY ± 0.05 mm (0.002 INCHES).
3.4 ± 0.25
(0.14 ± 0.01)
NOTE:
THE -B- DATUM IS FORMED BY THE
TWO HIGHEST POINTS OF THE COMBINDED
SURFACE FORMED BY THIS SURFACE AND
THE CORRESPONDING SURFACE OF THE
SAME LEAD ON THE OPPOSITE SIDE
OF THE PACKAGE.
0 = TAPE AND REEL.
X = STRIP OF 10.
1 = JEDEC STANDARD ARRAY.
5.0° ± 3° (8x)
3.4 ± 0.15
4.00 ± 0.15
0.25
13.21 ± 0.25
(0.52 ± 0.01)
0.43
(0.017)
MAX.
8.54 ± 0.15
(0.336 ± 0.01)
MAX.
0.51 ± 0.08
(0.020 ± 0.003)
(8x)
-C-
-B-
1.27 ± 0.10
(0.050 ± 0.004)
(7x)
6.86 ± 0.25
(0.27 ± 0.01)
16.61 ± 0.15
(0.654 ± 0.01)
6.22 ± 0.25
(0.24 ± 0.01)
-A-
5.0° ± 3° (10x)
DIMENSIONS IN MILLIMETERS (INCHES).
6.4 ± 0.25
(0.25 ± 0.01)
3.4 ± 0.25
(0.14 ± 0.01)
1
23456
7
8
5.94 ± 0.25
(0.23 ± 0.01)
0.13 ± 0.05
(0.005 ± 0.002)
0.6 ± 0.12
(0.02 ± 0.005)
(10x)
0.9 ± 0.25
(0.04 ± 0.01)
3.4 ± 0.25
(0.14 ± 0.01)
1.9 ± 0.25
(0.08 ± 0.01)
0.25
Package Dimensions
Option 0X1*
Option 0X2*




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HSDL-1000Infrared IrDA Compliant Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3600IrDA Compliant 4 Mb/s 3 V Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL3208Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3003IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3203Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3210IrDA Compliant Low Power 1.15 Mbit/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3201IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3612IrDA Data Compliant 115.2kb/s 3V to 5V Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl