Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HSDL-1000 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part No. HSDL-1000
Description  Infrared IrDA Compliant Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

 
 7 page
background image
4-39
Switching Specifications
Specifications hold over the Recommended Operating Conditions unless otherwise noted. Test Conditions represent worst case
values for the parameters under test. Unspecified test conditions can be anywhere in their recommended operating range. All
typicals are at 25
°C and 5V unless otherwise noted.
Parameter
Symbol Min.
Typ.
Max. Units
Conditions
Fig.
Transmitter Turn On Time
0.1
µsI
LED = 250 mA, 1.6 µs PW
13, 14
Transmitter Turn Off Time
0.4
1.0
µs
Transmitter Rise Time
0.6
µs
Transmitter Fall Time
0.6
µs
Receiver Turn On Time
0.4
µs
EI = 3.6
µW/cm2, 1.6 µs PW 15, 16
Receiver Turn Off Time
5.4
µs
EI = 500 mW/cm2, 1.6
µs PW
Receiver Rise Time
1.0
µs
Receiver Fall Time
0.02
µs
EI = 3.6
µW/cm2, 1.6 µs PW
Receiver Recovery Time
10
ms
Application Circuit
Component
Recommended Value
RI
300 Ohms
± 5%
RLED
8.0 Ohms maximum
CX1
0.22
µF ± 10%
CX2
0.4
µF minimum
CX3
0.10
µF ± 22%. Low inductance is critical
CX4
4.7
µF minimum. Larger value is recommended for noisy supplies or environments.




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HSDL-1001Infrared IrDA Compliant Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3600IrDA Compliant 4 Mb/s 3 V Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL3208Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3003IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3203Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3210IrDA Compliant Low Power 1.15 Mbit/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3201IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3612IrDA Data Compliant 115.2kb/s 3V to 5V Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl