Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HSDL-1000 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part No. HSDL-1000
Description  Infrared IrDA Compliant Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

 
 4 page
background image
4-36
Truth Table
Inputs
Outputs
TXD
EI[1]
LED
LEDA
RXD
VIH
X
ON
Low
Low[2]
VIL
EIH
OFF
High
Low[2]
V
IL
EI
L
OFF
High
High
X = Don’t care.
Notes:
1. EI – received in band light intensity present at detector surface.
2. Logic Low is a pulsed response. A receiver output low state VOL (RXD) is not indefinitely
maintained, but is instead a pulsed response. The output low state is maintained for a
duration dependent on the incident bit pattern and the incident intensity (EI).
Pinout
Pin
Description
Symbol
1
Daylight Cancellation Capacitor
CX1
2
PIN Bypass Capacitor
CX2
3
Supply Voltage
VCC
4
Receiver Data Output
RXD
5
Ground
Gnd
6
Transmitter Data Input
TXD
7
LED Cathode
LEDC
8
LED Anode
LEDA
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Conditions
Fig.
Storage Temperature
TS
-20
85
C
Operating Temperature
TA
070
C
Lead Solder Temperature
260
C
For 10 s (1.6 mm
Reflow
below seating plane)
Profile
Average LED Current
ILED (DC)
100
mA
Repetitive Pulsed LED Current
ILED (PK)
500
mA
≤ 90 µs Pulse Width,
≤ 20% Duty Cycle
Peak LED Current
ILED (RP)
1.0
A
≤ 2 µs Pulse Width,
≤ 10% Duty Cycle
LED Anode Voltage
VLEDA
-0.5
7.0
V
LED Cathode Voltage
VLEDC
-0.5
VLEDA
V
Supply Voltage
VCC
0
7.0
V
Transmitter Data Input Voltage
VTXD
-0.5
5.5
V
Receiver Data Output Voltage
VRXD
-0.5
VCC + 0.5
V




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HSDL-1001Infrared IrDA Compliant Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3600IrDA Compliant 4 Mb/s 3 V Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL3208Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3003IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3203Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3210IrDA Compliant Low Power 1.15 Mbit/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3201IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3612IrDA Data Compliant 115.2kb/s 3V to 5V Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl