Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPMX-2006-TR1 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HPMX-2006-TR1
Description  0.8 - 2.5 GHz Upconverter/Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HPMX-2006-TR1 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HPMX-2006-TR1 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HPMX-2006-TR1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HPMX-2006-TR1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HPMX-2006-TR1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HPMX-2006-TR1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HPMX-2006-TR1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HPMX-2006-TR1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HPMX-2006-TR1 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
7-66
0.8 – 2.5 GHz
Upconverter/Amplifier
Technical Data
Features
• Wide Band Operation
RF Output: 800 -2500 MHz
IF Input: DC- 900 MHz
• 2.7- 5.5 V Operation
• Mixer + Amplifier: 38 mA
Mixer only: 15 mA
Standby Mode: <40
µA
• Differential LO and High
Impedance IF Inputs
• -8.5 dBm Mixer and
+4.5 dBm Amplifier Output
Power at 1900 MHz
• JEDEC Standard SSOP-16
Surface Mount Package
Applications
• Cordless Handsets and Base
Stations
• Wireless Data Terminals
• Cellular/ PCS Handsets and
Base Stations
HPMX-2006
Functional Block Diagram
LO
INPUT
IF INPUT
RF OUTPUT
AMP INPUT
AMP
OUTPUT
HPMX-2006
ENABLE
Package Pin Configuration
Plastic SSOP-16
Description
The HPMX-2006 upconverter/
amplifier IC is designed to meet
the needs of cellular and PCS
telephone and wireless LAN
applications.
The IC consists of a Gilbert Cell
mixer optimized for upconversion
followed by a post-amplifier. The
mixer and amplifier are indepen-
dent allowing the insertion of a
sideband filter between the two.
The mixer is double balanced.
Both LO and IF inputs may be run
either single-endedly, or in
differential mode to reduce LO
leakage. LO inputs are matched
near 50
Ω; high impedance IF
inputs allow the mixer to be used
as a BPSK modulator. An inte-
grated transformer on the mixer
RF port creates a single-ended,
matched to 50
Ω output at
1900 MHz, and also reduces
common mode noise.
LO in
1
LO in
2
Ref
3
IF in
4
IF in
5
Amp Ve1
6
Amp RF in
7
enable
8
16
Mixer Vc
15
Gnd
14
Amp Vc
13
Amp RF Out
12
Amp Ve2
11
Amp 1 Ve2
10
Gnd 1
9
Mixer RF Out
HPMX
2006
YYWW
5966-0455E


Similar Part No. - HPMX-2006-TR1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPMX-2003 HP-HPMX-2003 Datasheet
309Kb / 16P
   Silicon Bipolar RFIC 900 MHz Vector Modulator
HPMX-2005 HP-HPMX-2005 Datasheet
519Kb / 12P
   Silicon Bipolar RFIC 100 MHz Vector Modulator
logo
Hittite Microwave Corpo...
HPMX-2005 HITTITE-HPMX-2005_1 Datasheet
198Kb / 12P
   Silicon Bipolar RFIC 100 MHz Vector Modulator
logo
Agilent(Hewlett-Packard...
HPMX-2007 HP-HPMX-2007 Datasheet
105Kb / 8P
   Vector Modulator/Mixer
HPMX-2007-BLK HP-HPMX-2007-BLK Datasheet
105Kb / 8P
   Vector Modulator/Mixer
More results

Similar Description - HPMX-2006-TR1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPMX-5001 HP-HPMX-5001 Datasheet
171Kb / 15P
   1.5-2.5 GHz Upconverter/ Downconverter
logo
Analog Devices
AD8346 AD-AD8346 Datasheet
190Kb / 12P
   0.8 GHz-2.5 GHz Quadrature Modulator
REV. 0
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346 AD-AD8346_15 Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346ARUZ AD-AD8346ARUZ Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Transcom, Inc.
TA008-055-20-24 TRANSCOM-TA008-055-20-24 Datasheet
30Kb / 1P
   0.8 - 5.5 GHz 25 dBm Amplifier
logo
HBH Microwave GmbH
HX8002 HBH-HX8002 Datasheet
19Kb / 1P
   19.5-21.5 GHz Passive Upconverter
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
logo
List of Unclassifed Man...
AP1098 ETC-AP1098 Datasheet
104Kb / 5P
   2.4~2.5 GHz Power Amplifier
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
   2.4~2.5 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com