Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRD560 Datasheet(PDF) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MBRD560
Description  SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBRD560 Datasheet(HTML) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBRD560 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRD560 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRD560 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRD560 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRD560 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0801, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MBRD560- MBRD5200
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
* Pulse Width < 300µs, Duty Cycle <2%
Note1: Measured at 1.0 MHz and applied reverse voltage of 5.0V D.C.
Characteristics
Symbol
560
580
5100
5150
5200
Units
Peak Inverse Voltage
VRWM
60
80
100
150
200
V
Max. Average Forward
IF(AV)
5
A
Max. Peak One Cycle Non-Repetitive
Surge Current(8.3ms Single half sine-
wave)
IFSM
120
A
Max. Forward Voltage Drop @5A, 25
°C
VF
0.65
0.75
0.85
0.90
0.92
V
Max. Reverse Current @VRWM, 25
°C
IR
1
mA
Max. Junction Capacitance(Note1)
CT
300
150
pF
Max. Junction Temperature
TJ
-55 to +150
°C
Max. Storage Temperature
Tstg
-55 to +150
°C
Maximum Thermal Resistance Junction
to Case (DC operation)
RθJC
6.0
°C/W
Approximate Weight
wt
0.39
g
Case Style
DPAK


Similar Part No. - MBRD560

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRD560 MCC-MBRD560 Datasheet
106Kb / 2P
   Schottky Barrier Rectifier 20 to 100 Volts 5.0 Amp
logo
SUNMATE electronic Co.,...
MBRD560 SUNMATE-MBRD560 Datasheet
1Mb / 3P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
SHIKUES Electronics
MBRD560 SKTECHNOLGY-MBRD560 Datasheet
1Mb / 3P
   SCHOTTKY BARRIER RECTIFIERS
logo
SMC Diode Solutions Co....
MBRD560 SMCDIODE-MBRD560 Datasheet
216Kb / 3P
   MBRD560 THRU MBRD5200 SCHOTTKY RECTIFIER
Rev. C
logo
Microdiode Electronics ...
MBRD560D CHENDA-MBRD560D Datasheet
2Mb / 4P
   SCHOTTKY BARRIER GLASS PASSIVATED RECTIFIERS
More results

Similar Description - MBRD560

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com