Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRB2080CT Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MBRB2080CT
Description  SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBRB2080CT Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBRB2080CT Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB2080CT Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB2080CT Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB2080CT Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB2080CT Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB2080CT Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB2080CT Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0785, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MBRB2080CT
MBRB2080CT SCHOTTKY RECTIFIER
Applications:
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection
Features:
150℃ TJ operation
Center tap configuration
Low forward voltage drop
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term reliability
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Mechanical Dimensions (In Inches / mm):
OPTION 1(HD)
Dimensions in
millimeters
Symbol
Min.
Typical
Max.
A
4.55
4.70
4.85
A1
0
0.10
0.25
A2
2.59
2.69
2.89
b
0.71
0.81
0.96
b1
1.27
c
0.36
0.38
0.61
c1
1.17
1.27
1.37
D
8.55
8.70
8.85
D1
6.40
E
10.01
10.16
10.31
E1
7.6
E2
9.98
10.08
10.18
e
2.54
H
14.6
15.1
15.6
L
2.00
2.30
2.70
L1
1.17
1.27
1.40
L2
2.20
L3
0.25BSC
e
0
-
e1
e2
e3


Similar Part No. - MBRB2080CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRB2080CT DIODES-MBRB2080CT Datasheet
58Kb / 2P
   20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30177 Rev. B-2
logo
Micro Commercial Compon...
MBRB2080CT MCC-MBRB2080CT Datasheet
96Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Galaxy Semi-Conductor H...
MBRB2080CT BILIN-MBRB2080CT Datasheet
180Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Vishay Siliconix
MBRB2080CT VISHAY-MBRB2080CT Datasheet
132Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 21-Aug-08
logo
Micro Commercial Compon...
MBRB2080CT MCC-MBRB2080CT Datasheet
467Kb / 3P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBRB2080CT

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com