Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRB2060CT Datasheet(PDF) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MBRB2060CT
Description  SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBRB2060CT Datasheet(HTML) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBRB2060CT Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB2060CT Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB2060CT Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB2060CT Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB2060CT Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB2060CT Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB2060CT Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0118, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MBRB2060CT
Marking Diagram:
Where XXXXX is YYWWL
MBR
= Device Type
B
= Package type
20
= Forward Current (20A)
60
= Reverse Voltage (60V)
CT
= Configuration
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0
Ordering Information:
Device
Package
Shipping
MBRB2060CT
D²PAK
(Pb-Free)
800pcs / reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
60
V
Average Rectified Output
Current
Io
50Hz Full Sine Wave Resistive
Load @TC = 80 °C
20
A
RMS Forward Current
IF(RMS)
-
22.2
A
Max. Peak One Cycle Non-
Repetitive Surge Current
(per leg)
IFSM
8.3ms,50Hz Full Sine Wave, 1Cycle
Non-repetitive
180
A


Similar Part No. - MBRB2060CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRB2060CT GE-MBRB2060CT Datasheet
98Kb / 2P
   SCHOTTKY RECTIFIER
logo
Surge Components
MBRB2060CT SURGE-MBRB2060CT Datasheet
762Kb / 7P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
MBRB2060CT MCC-MBRB2060CT Datasheet
96Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Littelfuse
MBRB2060CT LITTELFUSE-MBRB2060CT Datasheet
592Kb / 3P
   Low forward voltage drop
logo
GOOD-ARK Electronics
MBRB2060CT GOOD-ARK-MBRB2060CT Datasheet
257Kb / 3P
   Dual Schottky Barrier Rectifiers
More results

Similar Description - MBRB2060CT

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com