Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR40150CT Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MBR40150CT
Description  SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBR40150CT Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBR40150CT Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR40150CT Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR40150CT Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR40150CT Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR40150CT Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0773, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MBR40150CT
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
VF1
@ 20A, Pulse, TJ = 25 °C
0.95
V
Max. Forward Voltage Drop
(per leg)*
VF2
@ 20 A, Pulse, TJ = 125 °C
0.92
V
Max. Reverse Current at DC
condition (per leg)
IR1
@VR = rated VR
TJ = 25 °C
1.0
mA
Max. Reverse Current (per
leg)*
IR2
@VR = rated VR
TJ = 125 °C
15.0
mA
Non-Repetitive Avalanche
Energy
EAS
TJ = 25 °C, IAS = 2 A,
L = 1mH
2
mJ
Max. Junction Capacitance
(per leg)
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz
900
pF
Typical Series Inductance
(per leg)
LS
Measured lead to lead 5 mm from
package body
8.0
nH
Max. Voltage Rate of Change
dv/dt
-
10,000
V/
μs
* Pulse Width < 300µs, Duty Cycle <2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Max. Junction Temperature
TJ
-
-55 to +150
°C
Max. Storage Temperature
Tstg
-
-55 to +150
°C
Maximum Thermal
Resistance Junction to Case
(per leg)
RθJC
DC operation
3.0
°C/W
Approximate Weight
wt
-
2
g
Case Style
TO-220AB


Similar Part No. - MBR40150CT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MBR40150CT SIRECT-MBR40150CT Datasheet
147Kb / 4P
   Power Schottky Rectifier - 40Amp 150Volt
logo
Microdiode Electronics ...
MBR40150CT CHENDA-MBR40150CT Datasheet
667Kb / 2P
   40 to 200 Volts Forward Current - 40.0 Amperes
logo
Gaomi Xinghe Electronic...
MBR40150CT GXELECTRONICS-MBR40150CT Datasheet
345Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
MBR40150CT YFWDIODE-MBR40150CT Datasheet
853Kb / 4P
   SCHOTTKY BARRIER RECTIFIER
logo
SHIKUES Electronics
MBR40150CT SKTECHNOLGY-MBR40150CT Datasheet
370Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR40150CT

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com