Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY44A Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATTINY44A
Description  8-bit AVR Microcontroller
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY44A Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATTINY44A_14 Datasheet HTML 6Page - ATMEL Corporation ATTINY44A_14 Datasheet HTML 7Page - ATMEL Corporation ATTINY44A_14 Datasheet HTML 8Page - ATMEL Corporation ATTINY44A_14 Datasheet HTML 9Page - ATMEL Corporation ATTINY44A_14 Datasheet HTML 10Page - ATMEL Corporation ATTINY44A_14 Datasheet HTML 11Page - ATMEL Corporation ATTINY44A_14 Datasheet HTML 12Page - ATMEL Corporation ATTINY44A_14 Datasheet HTML 13Page - ATMEL Corporation ATTINY44A_14 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 85 page
background image
10
ATtiny24A/44A/84A [DATASHEET APPENDIX B]
8183H–AVR–10/2013
2.8
Serial Programming Characteristics
2.8.1
ATtiny24A and ATtiny44A
Table 2-8.
Serial Programming Characteristics, TA = -40°C to +125°C, VCC = 1.8 - 5.5V (Unless Otherwise Noted)
Note:
1. 2 t
CLCL for fck < 12 MHz, 3 tCLCL for fck >= 12 MHz
2.8.2
ATtiny84A
Table 2-9.
Serial Programming Characteristics, TA = -40°C to +125°C, VCC = 1.8 - 5.5V (Unless Otherwise Noted)
Note:
1. 2 t
CLCL for fck < 12 MHz, 3 tCLCL for fck >= 12 MHz
Symbol
Parameter
Min
Typ
Max
Units
1/t
CLCL
Oscillator Frequency
0
4
MHz
tCLCL
Oscillator Period
250
ns
1/tCLCL
Oscillator Frequency (VCC = 4.5V - 5.5V)
0
20
MHz
t
CLCL
Oscillator Period (V
CC = 4.5V - 5.5V)
50
ns
tSHSL
SCK Pulse Width High
2 tCLCL
(1)
ns
tSLSH
SCK Pulse Width Low
2 tCLCL
(1)
ns
t
OVSH
MOSI Setup to SCK High
t
CLCL
ns
tSHOX
MOSI Hold after SCK High
2 tCLCL
ns
Symbol
Parameter
Min
Typ
Max
Units
1/t
CLCL
Oscillator Frequency
0
4
MHz
tCLCL
Oscillator Period
250
ns
1/t
CLCL
Oscillator Frequency (V
CC = 4.5V - 5.5V)
0
16
MHz
t
CLCL
Oscillator Period (V
CC = 4.5V - 5.5V)
62.5
ns
tSHSL
SCK Pulse Width High
2 tCLCL
(1)
ns
t
SLSH
SCK Pulse Width Low
2 t
CLCL
(1)
ns
t
OVSH
MOSI Setup to SCK High
t
CLCL
ns
tSHOX
MOSI Hold after SCK High
2 tCLCL
ns


Similar Part No. - ATTINY44A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY44A ATMEL-ATTINY44A_14 Datasheet
3Mb / 60P
   Bytes In-System Programmable Flash
More results

Similar Description - ATTINY44A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY20 ATMEL-ATTINY20_14 Datasheet
4Mb / 219P
   8-bit AVR Microcontroller
ATTINY24A ATMEL-ATTINY24A_14 Datasheet
4Mb / 85P
   8-bit AVR Microcontroller
ATTINY4 ATMEL-ATTINY4_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY5 ATMEL-ATTINY5_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY9 ATMEL-ATTINY9_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY10 ATMEL-ATTINY10_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY10-TSHR ATMEL-ATTINY10-TSHR Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY25 ATMEL-ATTINY25_13 Datasheet
2Mb / 234P
   Atmel 8-bit AVR Microcontroller
ATXMEGA128D4 ATMEL-ATXMEGA128D4 Datasheet
3Mb / 100P
   8/16-bit AVR XMEGA D4 Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3_10 Datasheet
3Mb / 110P
   8/16-bit AVR XMEGA A3 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com