Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMMC-5040 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HMMC-5040
Description  20- 40 GHz Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HMMC-5040 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HMMC-5040 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HMMC-5040 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HMMC-5040 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HMMC-5040 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HMMC-5040 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HMMC-5040 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
6-58
20 – 40 GHz Amplifier
Technical Data
Features
• Large Bandwidth:
20 - 44 GHz Typical
21 - 40 GHz Specified
• High Gain: 22 dB Typical
• Saturated Output Power:
21 dBm Typical
• Supply Bias:
≤ 4.5volts@≤ 300mA
Description
The HMMC-5040 is a high-gain
broadband MMIC amplifier
designed for both military appli-
cations and commercial commu-
nication systems. This four stage
amplifier has input and output
matching circuitry for use in
50 ohm environments. It is
fabricated using a PHEMT
integrated circuit structure that
provides exceptional broadband
performance. The backside of the
chip is both RF and DC ground.
This helps simplify the assembly
process and reduces assembly
related performance variations
and costs. This MMIC is a cost
effective alternative to hybrid
(discrete-FET) amplifiers that
require complex tuning and
assembly processes.
HMMC-5040
Absolute Maximum Ratings[1]
Symbol
Parameters/Conditions
Units
Min.
Max.
VD1,2-3-4
Drain Supply Voltages
V
5
VG1,2-3-4
Gate Supply Voltages
V
-3.0
0.5
IDD
Total Drain Current
mA
400
Pin
RF Input Power
dBm
21
Tch
Channel Temperature[2]
°C
+160
TA
Backside Ambient Temp.
°C
-55
+75
TSTG
Storage Temperature
°C
-65
+165
Tmax
Maximum Assembly Temp.
°C
+300
Note:
1. Absolute maximum ratings for continuous operation unless otherwise noted.
2. Refer to DC Specifications/Physical Properties table for derating information.
Chip Size:
1720 x 760
µm (67.7 x 29.9 mils)
Chip Size Tolerance:
± 10µm(± 0.4mils)
Chip Thickness:
127
± 15µm(5.0± 0.6mils)
Pad Dimensions:
80 x 80
µm (3.1 x 3.1 mils)
5965-5444E


Similar Part No. - HMMC-5040

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-5021 HP-HMMC-5021 Datasheet
268Kb / 6P
   2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
HMMC-5022 HP-HMMC-5022 Datasheet
268Kb / 6P
   2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
HMMC-5023 HP-HMMC-5023 Datasheet
92Kb / 6P
   23 GHz LNA (21.2-26.5 GHz)
HMMC-5025 HP-HMMC-5025 Datasheet
153Kb / 7P
   2 - 50 GHz Distributed Amplifier
HMMC-5026 HP-HMMC-5026 Datasheet
268Kb / 6P
   2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
More results

Similar Description - HMMC-5040

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD166 MMIC-CMD166 Datasheet
241Kb / 9P
   20-40 GHz Low Noise Driver Amplifier
logo
Hittite Microwave Corpo...
HMC261 HITTITE-HMC261_02 Datasheet
465Kb / 6P
   GaAs MMIC MEDIUM POWER DISTRIBUTED AMPLIFIER, 20 - 40 GHz
HMC261 HITTITE-HMC261_00 Datasheet
192Kb / 6P
   GaAs MMIC MEDIUM POWER DISTRIBUTED AMPLIFIER, 20 - 40 GHz
logo
Teledyne Technologies I...
CMA-40-1808 TELEDYNE-CMA-40-1808 Datasheet
889Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
CMA-40-2606 TELEDYNE-CMA-40-2606 Datasheet
892Kb / 2P
   Power Amplifier 26 GHz - 40 GHz
TMA-40-1808 TELEDYNE-TMA-40-1808 Datasheet
885Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
CMA-40-1812 TELEDYNE-CMA-40-1812 Datasheet
892Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
CMA-40-2608 TELEDYNE-CMA-40-2608 Datasheet
889Kb / 2P
   Power Amplifier 26 GHz - 40 GHz
CMA-40-1806 TELEDYNE-CMA-40-1806 Datasheet
892Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
CMA-40-1810 TELEDYNE-CMA-40-1810 Datasheet
890Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com