Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMMC-5040 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HMMC-5040
Description  20- 40 GHz Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HMMC-5040 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HMMC-5040 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HMMC-5040 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HMMC-5040 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HMMC-5040 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HMMC-5040 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HMMC-5040 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
6-62
HMMC-5040 Typical Performance, continued
–60
–30
0
30
60
90
OPERATING TEMPERATURE (
°C)
VDD = 4.5 V, IDD = 300 mA @ TA = 25°C
Figure 6. Small-Signal Gain[3] and
Compressed Power[1] vs. Temperature.
35
30
25
20
15
10
40
35
30
25
20
15
Gain
Power
22 GHz
28 GHz
38 GHz
25 GHz
30 GHz
35 GHz
40 GHz
20
24
28
32
36
40
FREQUENCY (GHz)
Figure 7. Noise Figure vs. Frequency.
20
16
12
8
4
0
VDD = 4.5 V
IDD = 300 mA
VDD = 2.0 V
IDD = 170 mA
VDD = 3.0 V
IDD = 130 mA
Notes:
1. Output power into 50
Ω with 2 dBm input power. Wafer-probed measurements.
2. Wafer-probed measurements.
3. Measurements taken on a device mounted in a connectorized package calibrated at the connector terminals.
0.06 dB/
°C
100
300
200
TOTAL DRAIN CURRENT, IDD (mA)
VDD = 4.5 V
Figure 8. Output Power[1] and
Efficiency vs. Drain Current with
VDD = 4.5 V.
23
21
19
17
15
13
25
21
17
13
9
5
Efficiency
Power
23 GHz
28 GHz
38 GHz
42 GHz
100
300
200
TOTAL DRAIN CURRENT, IDD (mA)
VDD = 3 V
Figure 9. Output Power[1] and
Efficiency vs. Drain Current with
VDD = 3 V.
23
21
19
17
15
13
25
21
17
13
9
5
Power
23 GHz
28 GHz
38 GHz
42 GHz
6
10
141822
26
OUTPUT POWER (dBm)
VDD = 4.5 V, IDD = 300 mA, f = 40GHz
Figure 10. Gain Compression and
Efficiency Characteristics.[2]
30
26
22
18
14
10
20
25
10
5
0
Gain
η
added
20
24
28
32
36
40
FREQUENCY (GHz)
VDD = 4.5 V, IDD = 300 mA
Figure 11. Output Power and Gain vs.
Frequency Characteristics.[2]
30
26
22
18
14
10
30
26
22
18
14
10
PSAT
Gain
P–1dB
Efficiency


Similar Part No. - HMMC-5040

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-5021 HP-HMMC-5021 Datasheet
268Kb / 6P
   2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
HMMC-5022 HP-HMMC-5022 Datasheet
268Kb / 6P
   2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
HMMC-5023 HP-HMMC-5023 Datasheet
92Kb / 6P
   23 GHz LNA (21.2-26.5 GHz)
HMMC-5025 HP-HMMC-5025 Datasheet
153Kb / 7P
   2 - 50 GHz Distributed Amplifier
HMMC-5026 HP-HMMC-5026 Datasheet
268Kb / 6P
   2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
More results

Similar Description - HMMC-5040

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD166 MMIC-CMD166 Datasheet
241Kb / 9P
   20-40 GHz Low Noise Driver Amplifier
logo
Hittite Microwave Corpo...
HMC261 HITTITE-HMC261_02 Datasheet
465Kb / 6P
   GaAs MMIC MEDIUM POWER DISTRIBUTED AMPLIFIER, 20 - 40 GHz
HMC261 HITTITE-HMC261_00 Datasheet
192Kb / 6P
   GaAs MMIC MEDIUM POWER DISTRIBUTED AMPLIFIER, 20 - 40 GHz
logo
Teledyne Technologies I...
CMA-40-1808 TELEDYNE-CMA-40-1808 Datasheet
889Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
CMA-40-2606 TELEDYNE-CMA-40-2606 Datasheet
892Kb / 2P
   Power Amplifier 26 GHz - 40 GHz
TMA-40-1808 TELEDYNE-TMA-40-1808 Datasheet
885Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
CMA-40-1812 TELEDYNE-CMA-40-1812 Datasheet
892Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
CMA-40-2608 TELEDYNE-CMA-40-2608 Datasheet
889Kb / 2P
   Power Amplifier 26 GHz - 40 GHz
CMA-40-1806 TELEDYNE-CMA-40-1806 Datasheet
892Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
CMA-40-1810 TELEDYNE-CMA-40-1810 Datasheet
890Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com