Electronic Components Datasheet Search |
|
HFBR14E6TA Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard) |
|
HFBR14E6TA Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard) |
10 / 31 page 55 Typical Link Data HFBR-0400 Series Description The following technical data is taken from 4 popular links using the HFBR-0400 series: the 5 MBd link, Ethernet 20 MBd link, Token Ring 32 MBd link, and the 155 MBd link. The data given corresponds to transceiver solu- tions combining the HFBR-0400 series components and various recommended transceiver design circuits using off-the-shelf electrical components. This data is meant to be regarded as an example of typical link perform- ance for a given design and does not call out any link limitations. Please refer to the appropriate application note given for each link to obtain more information. 5 MBd Link (HFBR-14XX/24X2) Link Performance -40 °C to +85°C unless otherwise specified Parameter Symbol Min. Typ. Max. Units Conditions Reference Optical Power Budget OPB50 4.2 9.6 dB HFBR-14X4/24X2 Note 1 with 50/125 µm fiber NA = 0.2 Optical Power Budget OPB62.5 8.0 15 dB HFBR-14X4/24X2 Note 1 with 62.5/125 µm fiber NA = 0.27 Optical Power Budget OPB100 8.0 15 dB HFBR-14X2/24X2 Note 1 with 100/140 µm fiber NA = 0.30 Optical Power Budget OPB200 12 20 dB HFBR-14X2/24X2 Note 1 with 200 µm fiber NA = 0.37 Date Rate Synchronous dc 5 MBd Note 2 Asynchronous dc 2.5 MBd Note 3, Fig. 7 Propagation Delay tPLH 72 ns TA = 25°C, Figs. 6, 7, 8 LOW to HIGH PR = -21 dBm Peak Propagation Delay tPHL 46 ns HIGH to LOW System Pulse Width tPLH-tPHL 26 ns Fiber cable Distortion length = 1 m Bit Error Rate BER 10-9 Data Rate <5 Bd PR > -24 dBm Peak Notes: 1. OPB at TA = -40 to 85°C, VCC = 5.0 V dc, IF ON = 60 mA. PR = -24 dBm peak. 2. Synchronous data rate limit is based on these assumptions: a) 50% duty factor modulation, e.g., Manchester I or BiPhase Manchester II; b) continuous data; c) PLL Phase Lock Loop demodulation; d) TTL threshold. 3. Asynchronous data rate limit is based on these assumptions: a) NRZ data; b) arbitrary timing-no duty factor restriction; c) TTL threshold. |
Similar Part No. - HFBR14E6TA |
|
Similar Description - HFBR14E6TA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |