Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDS-035A-7.5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SDS-035A-7.5
Description  Power ON with LED indicator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDS-035A-7.5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SDS-035A-7.5 Datasheet HTML 1Page - List of Unclassifed Manufacturers SDS-035A-7.5 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sunpower (UK) Ltd, Orion House, Calleva Park, Aldermaston, Berkshire, RG7 8SN.
Tel: +44 (0)118 981 1001 Fax: +44 (0)118 981 2002 Email: sales@sunpower-uk.com
Home > Products >Enclosed > 35W Single Output DC-DC Enclosed Power Supply
SDS-035A Series - 35W Single Output DC-DC Enclosed Power Supply
Power ON with LED indicator
2:1 input range, input and output isolation
Soft start function, low Inrush current
Input polarity reverse protection
Over load, over voltage, short circuit shutdown and Auto
recovery
Non min. load requirement
Output voltage ±10% adjustment
100% 50° burn-in test
Meet UL, cUL, TUV standard
Features
Standards
Specification
Input Voltage
9.5 ~ 18V DC (Typical 12V)
Input Current
<4.8A @ 9.5V DC
Over Load Protection
Over 105% ~ 180% of rating, recovers automatically after fault condition has been removed.
Short Circuit Protection
Shutdown, recovers automatically after fault condition has been removed.
Rise time
< 20mS
Cooling
Natural cooling
Temperature
Operating: -10~70°; de-rating: 50°C ~70°C : 2.5%/°C. Storage: -10~+75°C
Humidity
Operating: 20% ~ 85%; Storage: 10% ~ 95% (non condensing)
M.T.B.F.
417K hours
SAFETY
UL 60950-1st , CSA C22.2 No.60950-1-03 1st , TUV EN 60950-1st , IEC 60950-1st , EMKO-TSE
(74-SEC)207/
EMI
EN 55022 CLASS B FCC CFR 47 PART 15 CLASS B CNS 13438 CLASS B.
EMS
EN 55024 EN 61000-4-2,3,4,5,6,8.


Similar Part No. - SDS-035A-7.5

ManufacturerPart #DatasheetDescription
logo
C&K Components
SDS-00-1R CK-COMPONENTS-SDS-00-1R Datasheet
324Kb / 2P
   Side Actuated Detect Switches
8 Mar 22
SDS-00-2R CK-COMPONENTS-SDS-00-2R Datasheet
324Kb / 2P
   Side Actuated Detect Switches
8 Mar 22
SDS-00-4R CK-COMPONENTS-SDS-00-4R Datasheet
324Kb / 2P
   Side Actuated Detect Switches
8 Mar 22
SDS-00-5-R CK-COMPONENTS-SDS-00-5-R Datasheet
324Kb / 2P
   Side Actuated Detect Switches
8 Mar 22
More results

Similar Description - SDS-035A-7.5

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
19200X50 CML-19200X50 Datasheet
340Kb / 1P
   LED Indicator 8mm Infrared LED with optic
19200000 CML-19200000 Datasheet
265Kb / 1P
   LED Indicator 8mm Infrared LED with Optic
logo
STMicroelectronics
SPC560PADPT100S STMICROELECTRONICS-SPC560PADPT100S Datasheet
59Kb / 4P
   On/off power switch with LED indicators
logo
IDEA.lnc.
G963B IDEA-G963B Datasheet
35Kb / 2P
   LED Indicator
logo
List of Unclassifed Man...
23326 ETC2-23326 Datasheet
132Kb / 2P
   function indicator (LED) with freewheeling diode
logo
Chicago Miniature Lamp,...
1904X02X CML-1904X02X Datasheet
347Kb / 1P
   LED Indicator 6mm Recessed (Interior) Bezel with removable LED
logo
Fairchild Semiconductor
FAN5645 FAIRCHILD-FAN5645 Datasheet
352Kb / 10P
   Indicator LED Blinker with Single-Wire Interface
logo
Chicago Miniature Lamp,...
1905X02X CML-1905X02X Datasheet
349Kb / 1P
   LED Indicator 8mm Recessed(Interior) Bezel with removable LED
logo
Recom International Pow...
REDIN120 RECOM-REDIN120 Datasheet
2Mb / 8P
   DC OK Indicator LED with Relay Contacts
logo
Marl International Limi...
528-501-04 MARL-528-501-04_16 Datasheet
255Kb / 2P
   PANEL INDICATOR LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com