Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMMC-5022 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HMMC-5022
Description  2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HMMC-5022 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HMMC-5022 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HMMC-5022 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HMMC-5022 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HMMC-5022 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HMMC-5022 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HMMC-5022 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
6-31
Figure 2. HMMC-5021/22/26 Bonding Pad Locations.
Figure 3. HMMC-5021/22/26 Assembly Diagram.
Note:
Total offset between RF input
and RF output pad is 335
µm
(13.2 mils).
Notes:
All dimensions in microns.
Rectangular Pad Dim: 75 x 75
µm.
Octagonal Pad Dim: 90
µm dia.
All other dimensions
±5 µm
(unless otherwise noted).
Chip thickness: 127
± 15 µm.
VDD
VG1
OUT
IN
1.5 mil dia.Gold Wire
Bond to
≥15 nF
DC Feedthru
≥4 nH Inductor
(0.7 mil Gold Wire Bond
with length
≥150 mils)
0.7 mil dia. Gold Bond Wire
(Length NOT important)
Gold Plated Shim
≥68 pF Capacitor
Input and Output Thin Film
Circuit with
≥8 pF
DC Blocking Capacitor
2.0 mil
nom. gap
2.0 mil
nom. gap
Trace Offset
168
µm
(6.6 mils)
1.5 mil dia.Gold Wire
Bond to
≥15 nF DC Feedthru
Bonding Island
Trace Offset
168
µm
(6.6 mils)


Similar Part No. - HMMC-5022

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-5023 HP-HMMC-5023 Datasheet
92Kb / 6P
   23 GHz LNA (21.2-26.5 GHz)
HMMC-5025 HP-HMMC-5025 Datasheet
153Kb / 7P
   2 - 50 GHz Distributed Amplifier
HMMC-5027 HP-HMMC-5027 Datasheet
92Kb / 6P
   2 - 26.5 Medium Power Amplifier
More results

Similar Description - HMMC-5022

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5026 AVAGO-AMMC-5026 Datasheet
165Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMC-5026 BOARDCOM-AMMC-5026 Datasheet
203Kb / 8P
   2??5 GHz GaAs MMIC Traveling Wave Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-5026 HP-AMMC-5026 Datasheet
168Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5026 AVAGO-AMMC-5026_08 Datasheet
191Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
Alpha Industries
AA026P2-00 ALPHA-AA026P2-00 Datasheet
170Kb / 2P
   23.5-26.5 GHz GaAs MMIC Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5024 AVAGO-AMMP-5024 Datasheet
666Kb / 11P
   30kHz - 40 GHz Traveling Wave Amplifier
AMMP-5024 AVAGO-AMMP-5024_15 Datasheet
229Kb / 8P
   30kHz ??40 GHz Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMP-5024 BOARDCOM-AMMP-5024 Datasheet
229Kb / 8P
   30kHz ??40 GHz Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5024 AVAGO-AMMC-5024_08 Datasheet
379Kb / 10P
   30 KHz??0 GHz Traveling Wave Amplifier
logo
Marki Microwave
MEQ3-26AS MARKIMICROWAVE-MEQ3-26AS Datasheet
297Kb / 6P
   Passive GaAs MMIC 26.5 GHz Equalizer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com