Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA88PA Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATMEGA88PA
Description  ATMEL 8-BIT MICROCONTROLLER
Download  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA88PA Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATMEGA88PA_14 Datasheet HTML 7Page - ATMEL Corporation ATMEGA88PA_14 Datasheet HTML 8Page - ATMEL Corporation ATMEGA88PA_14 Datasheet HTML 9Page - ATMEL Corporation ATMEGA88PA_14 Datasheet HTML 10Page - ATMEL Corporation ATMEGA88PA_14 Datasheet HTML 11Page - ATMEL Corporation ATMEGA88PA_14 Datasheet HTML 12Page - ATMEL Corporation ATMEGA88PA_14 Datasheet HTML 13Page - ATMEL Corporation ATMEGA88PA_14 Datasheet HTML 14Page - ATMEL Corporation ATMEGA88PA_14 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 326 page
background image
11
ATmega48PA/88PA/168PA [DATASHEET]
9223F–AVR–04/14
7.4
General Purpose Register File
The register file is optimized for the AVR® enhanced RISC instruction set. In order to achieve the required performance and
flexibility, the following input/output schemes are supported by the register file:
One 8-bit output operand and one 8-bit result input
Two 8-bit output operands and one 8-bit result input
Two 8-bit output operands and one 16-bit result input
One 16-bit output operand and one 16-bit result input
Figure 7-2 shows the structure of the 32 general purpose working registers in the CPU.
Figure 7-2. AVR CPU General Purpose Working Registers
Most of the instructions operating on the register file have direct access to all registers, and most of them are single cycle
instructions.
As shown in Figure 7-2, each register is also assigned a data memory address, mapping them directly into the first 32
locations of the user data space. Although not being physically implemented as SRAM locations, this memory organization
provides great flexibility in access of the registers, as the X-, Y- and Z-pointer registers can be set to index any register in the
file.
70
Addr.
R0
0x00
R1
0x01
R2
0x02
R13
0x0D
General
R14
0x0E
Purpose
R15
0x0F
Working
R16
0x10
Registers
R17
0x11
R26
0x1A
X-register low byte
R27
0x1B
X-register high byte
R28
0x1C
Y-register low byte
R29
0x1D
Y-register high byte
R30
0x1E
Z-register low byte
R31
0x1F
Z-register high byte


Similar Part No. - ATMEGA88PA_14

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATMEGA88PA-AN MICROCHIP-ATMEGA88PA-AN Datasheet
33Mb / 662P
   High Performance, Low Power AVR® 8-Bit Microcontroller Family
2018
logo
ATMEL Corporation
ATMEGA88PA-AN ATMEL-ATMEGA88PA-AN Datasheet
750Kb / 50P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES IN-SYSTEM PROGRAMMABLE FLASH
11/2015
logo
Microchip Technology
ATMEGA88PA-ANR MICROCHIP-ATMEGA88PA-ANR Datasheet
33Mb / 662P
   High Performance, Low Power AVR® 8-Bit Microcontroller Family
2018
logo
ATMEL Corporation
ATMEGA88PA-ANR ATMEL-ATMEGA88PA-ANR Datasheet
750Kb / 50P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES IN-SYSTEM PROGRAMMABLE FLASH
11/2015
ATMEGA88PA-AU ATMEL-ATMEGA88PA-AU Datasheet
388Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA88PA_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA88A ATMEL-ATMEGA88A_14 Datasheet
1Mb / 39P
   ATMEL 8-BIT MICROCONTROLLER
ATMEGA16M1 ATMEL-ATMEGA16M1_14 Datasheet
346Kb / 12P
   8-bit Atmel megaAVR Microcontroller
ATTINY10-TSHR ATMEL-ATTINY10-TSHR Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY25 ATMEL-ATTINY25_13 Datasheet
2Mb / 234P
   Atmel 8-bit AVR Microcontroller
ATTINY40 ATMEL-ATTINY40_14 Datasheet
5Mb / 204P
   8-bit Atmel tinyAVR Microcontroller
ATTINY4 ATMEL-ATTINY4_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY5 ATMEL-ATTINY5_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY9 ATMEL-ATTINY9_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY10 ATMEL-ATTINY10_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATXMEGA64B1 ATMEL-ATXMEGA64B1_14 Datasheet
6Mb / 142P
   8/16-bit Atmel XMEGA B1 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com