Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3S-AD23 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3S-AD23
Description  Built-in Amplifier Photoelectric Sensor (Medium Size)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-AD23 Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3S-AD23 Datasheet HTML 1Page - Omron Electronics LLC E3S-AD23 Datasheet HTML 2Page - Omron Electronics LLC E3S-AD23 Datasheet HTML 3Page - Omron Electronics LLC E3S-AD23 Datasheet HTML 4Page - Omron Electronics LLC E3S-AD23 Datasheet HTML 5Page - Omron Electronics LLC E3S-AD23 Datasheet HTML 6Page - Omron Electronics LLC E3S-AD23 Datasheet HTML 7Page - Omron Electronics LLC E3S-AD23 Datasheet HTML 8Page - Omron Electronics LLC E3S-AD23 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
E3S-A
Engineering Data (Reference Value)
Parallel Sensing Range
Through-beam Sensors
Through-beam Sensors
Through-beam Sensors
E3S-AT
@@
E3S-AT
@@ + E39-S46
(Slit Sold Separately)
E3S-AT
@@ + E39-E6
(Filter Sold Separately)
Parallel Sensing Range
Sensing Range
Retro-reflective Sensors
Diffuse-reflective Sensors
E3S-AR
@@ + E39-R1 (with Reflector)
E3S-AD
@1/AD@2/AD@3/AD@6/AD@7/AD@8
Excess Gain vs. Set Distance
Through-beam Sensors
Retro-reflective Sensors
E3S-AT
@@
E3S-AR
@@ + E39-R1 (with Reflector)
500
400
300
200
100
0
−100
−200
−300
−400
−500
2
4
6
8
Distance X (m)
Y
X
200
100
0
−100
−200
1
2
3
4
5
6
7
8
Slit width: 1 mm
Slit width: 0.5 mm
Slit width: 2 mm
Y
X
Distance X (m)
200
100
0
−100
−200
1
2
3
4
5
6
Y
X
Distance X (m)
Y
X
100
80
60
40
20
0
−20
−40
−60
−80
−100
0.5
1.0
1.5
2.0
2.5
E39-R1 Reflector
Distance X (m)
Y
X
40
30
20
10
0
−10
−20
−30
−40
200
400
600
800
Sensing object: white paper
E3S-AD
@1/@3/@6/@8: 100
× 100 mm
E3S-AD
@2/@7: 200
× 200 mm
E3S-AD
@1/@6
E3S-AD
@3/@8
E3S-AD
@2/@7
Distance X (m)
500
300
100
50
30
10
5
3
1
0
3
5
7
10
Oper-
ating
level
Distance (m)
100
50
30
10
5
3
1
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6
E39-R1 Reflector
Oper-
ating
level
Distance (m)


Similar Part No. - E3S-AD23

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-AD23 OMRON-E3S-AD23 Datasheet
231Kb / 18P
   General-Purpose Photoelectric Sensor
More results

Similar Description - E3S-AD23

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3SAT16 OMRON-E3SAT16 Datasheet
940Kb / 10P
   Built-in Amplifier Photoelectric Sensor (Medium Size)
logo
Panasonic Semiconductor
CX-400 PANASONIC-CX-400 Datasheet
7Mb / 24P
   Amplifier Built-in Compact Photoelectric Sensor
2016.12
logo
Omron Electronics LLC
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
logo
Panasonic Semiconductor
EX-10 PANASONIC-EX-10 Datasheet
2Mb / 16P
   Amplifier Built-in Ultra-slim Photoelectric Sensor
Ver.2
logo
Omron Electronics LLC
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com