Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3S-AT86 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3S-AT86
Description  Built-in Amplifier Photoelectric Sensor (Medium Size)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-AT86 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3S-AT86 Datasheet HTML 1Page - Omron Electronics LLC E3S-AT86 Datasheet HTML 2Page - Omron Electronics LLC E3S-AT86 Datasheet HTML 3Page - Omron Electronics LLC E3S-AT86 Datasheet HTML 4Page - Omron Electronics LLC E3S-AT86 Datasheet HTML 5Page - Omron Electronics LLC E3S-AT86 Datasheet HTML 6Page - Omron Electronics LLC E3S-AT86 Datasheet HTML 7Page - Omron Electronics LLC E3S-AT86 Datasheet HTML 8Page - Omron Electronics LLC E3S-AT86 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
CSM_E3S-A_DS_E_7_1
1
Built-in Amplifier Photoelectric Sensor (Medium Size)
E3S-A
Ordering Information
Built-in Amplifier Photoelectric Sensors
*1. Through-beam Sensors are normally sold in sets that include both the Emitter and Receiver.
Orders for individual Emitters and Receivers are accepted.
*2. Values in brackets are the minimum required distance between the Sensor and Reflector.
Be sure to read Safety Precautions
on page 10.
Sensing method
Appearance
Connection
method
Sensing distance
Functions
Model
NPN output
PNP output
Through-beam
Sensors *1
Pre-wired
---
E3S-AT11
Emitter
E3S-AT11-L
Receiver E3S-AT11-D
E3S-AT31
Emitter
E3S-AT31-L
Receiver E3S-AT31-D
E3S-AT21
Emitter
E3S-AT21-L
Receiver E3S-AT21-D
E3S-AT41
Emitter
E3S-AT41-L
Receiver E3S-AT41-D
Connector
(M12)
---
E3S-AT16
Emitter
E3S-AT16-L
Receiver E3S-AT16-D
E3S-AT36
Emitter
E3S-AT36-L
Receiver E3S-AT36-D
Pre-wired
---
E3S-AT61
Emitter
E3S-AT61-L
Receiver E3S-AT61-D
E3S-AT81
Emitter
E3S-AT81-L
Receiver E3S-AT81-D
E3S-AT71
Emitter
E3S-AT71-L
Receiver E3S-AT71-D
E3S-AT91
Emitter
E3S-AT91-L
Receiver E3S-AT91-D
Connector
(M12)
---
E3S-AT66
Emitter
E3S-AT66-L
Receiver E3S-AT66-D
E3S-AT86
Emitter
E3S-AT86-L
Receiver E3S-AT86-D
Retro-reflective
Sensors
Pre-wired
*2
---
E3S-AR11
E3S-AR31
E3S-AR21
E3S-AR41
Connector
(M12)
---
E3S-AR16
E3S-AR36
Pre-wired
---
E3S-AR61
E3S-AR81
E3S-AR71
E3S-AR91
Connector
(M12)
---
E3S-AR66
E3S-AR86
Red light
Infrared light
Horizontal
7 m
Timer
Self Diagnosis
Turbo
External
Diagnosis
Vertical
Timer
Self Diagnosis
Turbo
External
Diagnosis
Horizontal
2 m
(100 mm)
Timer
Self Diagnosis
Turbo
External
Diagnosis
Vertical
Timer
Self Diagnosis
Turbo
External
Diagnosis


Similar Part No. - E3S-AT86

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-AT86 OMRON-E3S-AT86 Datasheet
231Kb / 18P
   General-Purpose Photoelectric Sensor
More results

Similar Description - E3S-AT86

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3SAT16 OMRON-E3SAT16 Datasheet
940Kb / 10P
   Built-in Amplifier Photoelectric Sensor (Medium Size)
logo
Panasonic Semiconductor
CX-400 PANASONIC-CX-400 Datasheet
7Mb / 24P
   Amplifier Built-in Compact Photoelectric Sensor
2016.12
logo
Omron Electronics LLC
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
logo
Panasonic Semiconductor
EX-10 PANASONIC-EX-10 Datasheet
2Mb / 16P
   Amplifier Built-in Ultra-slim Photoelectric Sensor
Ver.2
logo
Omron Electronics LLC
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com