Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-D120 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HLMP-D120
Description  T-13/4 (5 mm), T-1 (3 mm), High Performance, Tinted, Diffused, AlInGaP, and TS AlGaAs Red LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-D120 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-D120 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-D120 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-D120 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-D120 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-D120 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-D120 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-D120 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1-52
Figure 3. Relative Luminous Intensity
vs. Forward Current.
Figure 4. Maximum Forward Current
vs. Ambient Temperature. Derating
Based on TJ Max = 110°C.
1.0
0
ANGULAR DISPLACEMENT – DEGREES
0.8
0.6
0.5
0.7
0.2
100° 90°
0.1
0.3
0.4
80° 70° 60° 50° 40°
20° 10°
30°
10° 20° 30° 40° 50° 60° 70° 80° 90° 100°
0.9
Figure 6. Spatial Radiation Pattern for HLMA-DL05/DH05 65
° Lamps.
1.0
0
ANGULAR DISPLACEMENT – DEGREES
0.8
0.6
0.5
0.7
0.2
100° 90°
0.1
0.3
0.4
80° 70° 60° 50° 40°
20° 10°
30°
10° 20° 30° 40° 50° 60° 70° 80° 90° 100°
0.9
20
T – AMBIENT TEMPERATURE –
°C
A
5
15
35
050
30
45
10
0
50
10
20
40
90
60
25
30
40
70 80
100
R
θ
= 618
°C/W
J-A
R
θ
= 412
°C/W
J-A
50
40
20
10
0
50
100
I
– PEAK FORWARD CURRENT – mA
PEAK
150
30
200
f
≥ 100 Hz
f
≥ 300 Hz
f
≥ 1 KHz
Figure 5. Maximum Average Current
vs. Peak Forward Current.
Figure 7. Spatial Radiation Pattern for HLMA-KL05/KH05 60
° Lamps.
2.5
2.0
1.5
1.0
0.0
010
50
20
40
30
IF – DC FORWARD CURRENT – mA
0.5


Similar Part No. - HLMP-D120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HLMP-D101 FAIRCHILD-HLMP-D101 Datasheet
273Kb / 5P
   DOUBLE HETEROJUNCTION AIGaAs HIGH INTENSITY RED LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-D101 HP-HLMP-D101 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D101 AVAGO-HLMP-D101 Datasheet
291Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D101-J0000 HP-HLMP-D101-J0000 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D101-J0001 HP-HLMP-D101-J0001 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
More results

Similar Description - HLMP-D120

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-810X HP-HLMP-810X Datasheet
164Kb / 5P
   T-13/4 (5 mm) High Performance TS AlGaAs Red LED Lamps
HLMP-J100 HP-HLMP-J100 Datasheet
113Kb / 4P
   T-1 (3 mm) High Performance TS AlGaAs Red LED Lamps
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D150 AVAGO-HLMP-D150 Datasheet
316Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D150 HP-HLMP-D150_1 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D101 HP-HLMP-D101 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMA-KL00 AVAGO-HLMA-KL00 Datasheet
259Kb / 7P
   T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com