Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39531-4006 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39531-4006
Description  5.08mm Pitch Eurostyle Vertical PCB Header, Surface Mount Compatible, 6 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39531-4006 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39531-4006 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/13/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39531-4006
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
5.08mm Pitch Eurostyle™ Vertical PCB Header, Surface Mount Compatible, 6 Circuits
Documents:
3D Model
Product Specification PS-39500-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
39531
Application
N/A
Component Type
PCB Header
Overview
Eurostyle™ Terminal Blocks
Product Name
ESE, Eurostyle™Pluggable
Type
Euro Block
UPC
822350546546
Physical
Circuits (Loaded)
6
Entry Angle
N/A
Lock to Mating Part
Yes
Number of Rows
1
Orientation
Vertical
PC Tail Length
5.08mm
PCB Thickness - Recommended
3.18mm
Panel Mount
No
Pitch - Mating Interface
5.08mm
Pitch - Termination Interface
5.08mm
Polarized to Mating Part
Yes
Shrouded
Closed Ends
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +140°C
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
15A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Product Specification
PS-39500-001
Sales Drawing
SD-39501-002, SD-39531-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39531Series
Mates With
39530 Horizontal Plug, 39533 Vertical Plug,
Most 5.08mm Pitch Industry Standard Plugs
This document was generated on 10/13/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39531-4006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39531-4002 MOLEX11-39531-4002 Datasheet
41Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, Surface Mount Compatible, 2 Circuits
39531-4003 MOLEX11-39531-4003 Datasheet
41Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, Surface Mount Compatible, 3 Circuits
39531-4004 MOLEX11-39531-4004 Datasheet
41Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, Surface Mount Compatible, 4 Circuits
39531-4005 MOLEX11-39531-4005 Datasheet
41Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, Surface Mount Compatible, 5 Circuits
39531-4007 MOLEX11-39531-4007 Datasheet
41Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, Surface Mount Compatible, 7 Circuits
More results

Similar Description - 39531-4006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395314006 MOLEX5-0395314006 Datasheet
180Kb / 4P
   5.08mm (.200") Pitch Eurostyle??Vertical PCB Header, Surface Mount Compatible, 6 Circuits
0395214006 MOLEX5-0395214006 Datasheet
179Kb / 4P
   5.00mm (.197") Pitch Eurostyle??Vertical PCB Header, Surface Mount Compatible, 6 Circuits
39531-4005 MOLEX11-39531-4005 Datasheet
41Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, Surface Mount Compatible, 5 Circuits
39531-4012 MOLEX11-39531-4012 Datasheet
41Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, Surface Mount Compatible, 12 Circuits
39531-4014 MOLEX11-39531-4014 Datasheet
41Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, Surface Mount Compatible, 14 Circuits
39531-4016 MOLEX11-39531-4016 Datasheet
41Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, Surface Mount Compatible, 16 Circuits
39531-4008 MOLEX11-39531-4008 Datasheet
41Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, Surface Mount Compatible, 8 Circuits
39531-4009 MOLEX11-39531-4009 Datasheet
41Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, Surface Mount Compatible, 9 Circuits
39531-4017 MOLEX11-39531-4017 Datasheet
41Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, Surface Mount Compatible, 17 Circuits
39531-4021 MOLEX11-39531-4021 Datasheet
41Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, Surface Mount Compatible, 21 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com