Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA023A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SA023A
Description  Xeltek Socket Adapters SOP - SOIC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SA023A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SA023A Datasheet HTML 1Page - List of Unclassifed Manufacturers SA023A Datasheet HTML 2Page - List of Unclassifed Manufacturers SA023A Datasheet HTML 3Page - List of Unclassifed Manufacturers SA023A Datasheet HTML 4Page - List of Unclassifed Manufacturers SA023A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
E
Advanced search
SuperPro 3000U
SuperPro 3000U-100
SuperPro 3000U Cluster
SuperPro 580U
SuperPro 280U
SuperPro LX
SuperPro Z
SuperPro 9000U
Legacy Products
Socket Adapters
EPROM Erasers
Programmer Comparison
PIC Programming
Flash Programming
Nand Flash Programming
EPROM Programming
In-System Programming
Gang Programming
High Volume Production
BGA Adapters
Socket Adapter: SOP(1)
SA:SOT6/D6
SA:SOP/SOIC/MSOP8
SA:SOP/SOIC16
Back to Socket Adapter page
Part #
BottomPCB
W*L(mm)
Pitch
Pin #
Price
SA698
-
-
-
6
$85.00
Part #
BottomPCB
W*L(mm)
Pitch
Pin #
Price
SA602A
-
4.0
1.27
8
$85.00
SA666
B001
4.9*3.0
0.65
8
$85.00
Part #
BottomPCB
W*L(mm)
Pitch
Pin #
Price
SA012
-
4.0
1.27
16
$85.00
SA602
Page 1 of 5
Xeltek Inc. :: Socket Adapter: SOP(1)#SOP/SOIC28
2/13/2006
http://www.xeltek.com/pages.php?pageid=117


Similar Part No. - SA023A

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
SA023V3 BOTHHAND-SA023V3 Datasheet
53Kb / 2P
   6~15 Watts Switching Adapter
More results

Similar Description - SA023A

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AKB083220 ACCUTEK-AKB083220_13 Datasheet
159Kb / 2P
   Thin Small Outline Packages TSOP to SOIC BGA Adapters
AK08D300-NSO ACCUTEK-AK08D300-NSO_12 Datasheet
741Kb / 11P
   Small Outline Package SOIC, SOJ and PLCC DIP Adapters
AKL083220 ACCUTEK-AKL083220_13 Datasheet
128Kb / 2P
   Thin Shrink Small Outline Packages TSOP to SOIC Leaded Adapters
logo
List of Unclassifed Man...
PA28SO28D-EO-300 ETC2-PA28SO28D-EO-300 Datasheet
81Kb / 2P
   28 PIN SOP SOCKET ADAPTER
logo
Aries Electronics, Inc.
10020 ARIES-10020 Datasheet
1Mb / 1P
   Setup Instructions for Universal SOIC Socket
logo
List of Unclassifed Man...
PA16SO16D-EO-150 ETC2-PA16SO16D-EO-150 Datasheet
81Kb / 2P
   16 PIN SOP SOCKET ADAPTER
PA20SO20D-EO-210 ETC2-PA20SO20D-EO-210 Datasheet
81Kb / 2P
   20 PIN SOP SOCKET ADAPTER
logo
Aries Electronics, Inc.
44-547-11 ARIES-44-547-11 Datasheet
733Kb / 1P
   Universal SOIC ZIF (Zero-Insertion-Force) Test Socket
logo
Glenair, Inc.
240-033 GLENAIR-240-033 Datasheet
109Kb / 2P
   Micro-D Pin-Socket In-Line Filter Adapters
logo
Balluff Korea Ltd.
BCC0F2Y BALLUFF-BCC0F2Y Datasheet
101Kb / 2P
   Adapters
0.61_2022-07-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com