Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-5527 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HFBR-5527
Description  125 Megabaud Fiber Optic Transceiver JIS FO7 Connection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5527 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HFBR-5527 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
167
Hard Clad Silica Fiber (200
µm HCS) Transmitter Application Circuit: Performance of
the transmitter in the recommended application circuit (Figure 1) for HCS; 1-125 MBd, 25
°C.
Parameter
Symbol
Typical
Unit
Condition
Note
Average Optical Power 200
µm HCS
Pavg
-14.6
dBm
50% Duty
Note 1, Fig. 3
Cycle
Average Modulated Power 200
µm HCS
Pmod
-16.2
dBm
Note 2, Fig. 3
Optical Rise Time (10% to 90%)
tr
3.1
ns
5 MHz
Optical Fall Time (90% to 10%)
tf
3.4
ns
5 MHz
High Level LED Current (On)
IF,H
60
mA
Note 3
Low Level LED Current (Off)
IF,L
6
mA
Note 3
Optical Overshoot - 200
µm HCS
30
%
Transmitter Application Circuit
ICC
130
mA
Figure 1
Current Consumption - 200
µm HCS
Notes:
1. Average optical power is measured with an average power meter at 50% duty cycle, after 1 meter of fiber.
2. To allow the LED to switch at high speeds, the recommended drive circuit modulates LED light output between two non-zero power
levels. The modulated (useful) power is the difference between the high and low level of light output power (transmitted) or input
power (received), which can be measured with an average power meter as a function of duty cycle (see Figure 3). Average Modulated
Power is defined as one half the slope of the average power versus duty cycle:
[Pavg @ 80% duty cycle - Pavg @ 20% duty cycle]
Average Modulated Power = ––——————————————————————
(2) [0.80 - 0.20]
3. High and low level LED currents refer to the current through the LED. The low level LED “off” current, sometimes referred to as
“hold-on” current, is prebias supplied to the LED during the off state to facilitate fast switching speeds.
Plastic Optical Fiber (1 mm POF) Transmitter Application Circuit:
Performance of the transmitter in the recommended application circuit (Figure 1) for POF; 1-125 MBd, 25
°C.
Parameter
Symbol
Typical
Unit
Condition
Note
Average Optical Power 1 mm POF
Pavg
-9.7
dBm
50% Duty
Note 1, Fig. 3
Cycle
Average Modulated Power 1 mm POF
Pmod
-11.3
dBm
Note 2, Fig. 3
Optical Rise Time (10% to 90%)
tr
2.1
ns
5 MHz
Optical Fall Time (90% to 10%)
tf
2.8
ns
5 MHz
High Level LED Current (On)
IF,H
30
mA
Note 3
Low Level LED Current (Off)
IF,L
3
mA
Note 3
Optical Overshoot - 1 mm POF
45
%
Transmitter Application Circuit
ICC
115
mA
Figure 1
Current Consumption - 1 mm POF


Similar Part No. - HFBR-5527

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5001 HP-HFBR-5001 Datasheet
287Kb / 15P
   Low Cost, Industry Standard FDDI MIC Transceivers
HFBR-5103 HP-HFBR-5103 Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5103T HP-HFBR-5103T Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5104 HP-HFBR-5104 Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5104T HP-HFBR-5104T Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
More results

Similar Description - HFBR-5527

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
Glenair, Inc.
180-122XW06-11-16A GLENAIR-180-122XW06-11-16A Datasheet
272Kb / 2P
   Fiber Optic Connection System
180-122-H7 GLENAIR-180-122-H7 Datasheet
354Kb / 2P
   Fiber Optic Connection System
180_091 GLENAIR-180_091 Datasheet
363Kb / 2P
   Fiber Optic Connection System
180-122-S7 GLENAIR-180-122-S7 Datasheet
301Kb / 2P
   Fiber Optic Connection System
180-122XW08-11-16A GLENAIR-180-122XW08-11-16A Datasheet
245Kb / 2P
   Fiber Optic Connection System
180-122XWH7-11-16A GLENAIR-180-122XWH7-11-16A Datasheet
240Kb / 2P
   Fiber Optic Connection System
181-041-1250C GLENAIR-181-041-1250C Datasheet
203Kb / 2P
   Fiber Optic Connection System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com