Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-5203 Datasheet(PDF) 14 Page - Agilent(Hewlett-Packard)

Part # HFBR-5203
Description  ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5203 Datasheet(HTML) 14 Page - Agilent(Hewlett-Packard)

Back Button HFBR-5203 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 18Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
120
Accessory Duplex ST
Connectored Cable Assemblies
Hewlett-Packard recommends the
use of Duplex Push-Pull ST
connectored cable for optimal
repeatibility of the optical power
coupling. Hewlett-Packard offers
two such compatible duplex Push-
Pull ST connectored jumper cable
assemblies to assist you in your
evaluation of these products.
These cables may be purchased
from HP with the following part
numbers.
1. HFBR-XXX001
A duplex cable 1 meter long
assembled with 62.5/125
µm fiber
and Duplex Push-Pull ST
connector plugs on both ends.
2. HFBR-XXX010
A duplex cable 10 meters long
assembled with 62.5/125
µm fiber
and Duplex Push-Pull ST
connector plugs on both ends.


Similar Part No. - HFBR-5203

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5203 HP-HFBR-5203 Datasheet
326Kb / 20P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
HFBR-5203T HP-HFBR-5203T Datasheet
326Kb / 20P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
More results

Similar Description - HFBR-5203

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFBR-5205Z BOARDCOM-AFBR-5205Z Datasheet
559Kb / 19P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR5203-5205 HP-HFBR5203-5205 Datasheet
326Kb / 20P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5805AZ AVAGO-AFBR-5805AZ Datasheet
223Kb / 14P
   ATM Transceivers for SONET OC-3 / SDH STM-1 in Low Cost 1 x 9 Package Style
logo
Broadcom Corporation.
AFBR-5805Z BOARDCOM-AFBR-5805Z Datasheet
223Kb / 14P
   ATM Transceivers for SONET OC-3 / SDH STM-1 in Low Cost 1 x 9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR-5805 HP-HFBR-5805 Datasheet
251Kb / 14P
   HFBR-5805/5805T/5805A/5805AT ATM Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1 x 9 Package Style
HFBR-5106 HP-HFBR-5106 Datasheet
265Kb / 15P
   100VG-AnyLAN Multimode Fiber Transceivers in Low Cost 1x9 Package Style
logo
Delta Electronics, Inc.
OPT-155B DELTA-OPT-155B Datasheet
108Kb / 5P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155B1J1RA DELTA-OPT-155B1J1RA Datasheet
113Kb / 7P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
List of Unclassifed Man...
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
   1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
TTC-2T18 ETC1-TTC-2T18 Datasheet
90Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR 155 MBPS ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com