Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-5106 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HFBR-5106
Description  100VG-AnyLAN Multimode Fiber Transceivers in Low Cost 1x9 Package Style
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5106 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HFBR-5106 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-5106 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-5106 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-5106 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-5106 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-5106 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-5106 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5106 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5106 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
154
4.0
14
0
FIBER OPTIC CABLE LENGTH (km)
0.5
1.5 2.0 2.5
12
10
8
6
4
3.5
2
1.0
3.0
0.15
HFBR-5106, 62.5/125 µm
HFBR-5106,
50/125 µm
HFBR-5107,
50/125 µm
HFBR-5107,
62.5/125 µm
Figure 4. Optical Power Budget at
BOL vs. Fiber Optic Cable Length.
normally associated with these
technologies in the industry. The
Industry convention is 3 dB aging
for 800 nm and 1.5 dB for 1300
nm LEDs. The HP LEDs will
normally experience less than
1 dB of aging over normal com-
mercial equipment mission life
periods. Contact your
Hewlett-Packard sales repre-
sentatives for additional details.
Figure 4 was generated with a
Hewlett-Packard fiber optic link
module containing the current
industry conventions for fiber
cable specifications and the
100VG-AnyLAN Optical Param-
eters. These parameters are
reflected in the guaranteed
performance of the transceiver
specifications in this data sheet.
This same model has been used
extensively in the ANSI X3T and
IEEE committees, including the
ANSI X3T12 committee, to
establish the optical performance
requirements for various fiber
optic interface standards. The
cable parameters used come from
the ISO/IEC JTCI/SC 25/WG3
Generic Cabling for Customer
Premises per DIS 11801
document and the EIA/TIA568-A
Commercial Building Telecom-
munications Cabling Standard per
SP-2840.
Transceiver Signaling
Operating Rate Range
and BER Performance
For purposes of definition, the
symbol (Baud) rate, also called
signaling rate, is the reciprocal of
the shortest symbol time. Data
rate (bits/sec) is the symbol rate
divided by the encoding factor
used to encode the data
(symbols/bit).
When used in 100VG AnyLAN
100 Mbps applications, the
performance of the 1300 nm
transceiver is guaranteed over the
signaling rate of 10 MBd to
120 MBd to the full conditions
listed in the individual product
specification tables.
The transceivers may be used for
other applications at signaling
rates outside of the 10 MBd to
120 MBd range with some
penalty in the link optical power
budget primarily caused by a
reduction of receiver sensitivity.
Figure 5 gives an indication of
the typical performance of these
1300 nm products at different
rates.
These transceivers can also be
used for applications which
require different Bit Error Rate
(BER) performance. Figure 6
illustrates the typical trade-off
between link BER and the
receivers input optical power
level.
Table 1 lists the hub control
signals defined in IEEE 802.12,
section 18.5.4.1. These signal
rates are below 10 MBd but they
are transported with adequate
accuracy for hub access control.
Transceiver Jitter
Performance
The Hewlett-Packard 1300 nm
transceivers are designed to
operate per the system interface
jitter specifications listed in Table
27 of section 18.9. of the IEEE
802.12 (100VG-AnyLAN
standards).
Figure 5. Transceiver Relative Optical
Power Budget at Constant BER vs.
Signaling Rate.
Figure 6. Bit Error Rate vs. Relative
Receiver Input Optical Power.
0
200
3.0
0
SIGNAL RATE (MBd)
25
75
100 125
2.5
2.0
1.5
1.0
175
0.5
50
150
CONDITIONS:
1. PRBS 27-1
2. DATA SAMPLED AT CENTER OF
DATA SYMBOL.
3. BER = 10-6
4. TA = 25° C
5. VCC = 5 Vdc
6. INPUT OPTICAL RISE/FALL TIMES = 1.0/2.1 ns.
-6
4
1 x 10-2
RELATIVE INPUT OPTICAL POWER – dB
-4
2
-2
0
1 x 10-4
1 x 10-6
1 x 10-8
2.5 x 10-10
1 x 10-11
HFBR-510X
CONDITIONS:
1. 125 MBd
2. PRBS 27-1
3. CENTER OF SYMBOL SAMPLING.
4. TA = 25° C
5. VCC = 5 Vdc
6. INPUT OPTICAL RISE/FALL TIMES
= 1.0/2.1 ns.
CENTER OF SYMBOL
1 x 10-12
1 x 10-7
1 x 10-5
1 x 10-3


Similar Part No. - HFBR-5106

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5103 HP-HFBR-5103 Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5103T HP-HFBR-5103T Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5104 HP-HFBR-5104 Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5104T HP-HFBR-5104T Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5105 HP-HFBR-5105 Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
More results

Similar Description - HFBR-5106

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5203 HP-HFBR-5203 Datasheet
323Kb / 19P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
logo
Broadcom Corporation.
AFBR-5205Z BOARDCOM-AFBR-5205Z Datasheet
559Kb / 19P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR5203-5205 HP-HFBR5203-5205 Datasheet
326Kb / 20P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
HFBR-5103 HP-HFBR-5103 Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5103Z AVAGO-AFBR-5103Z Datasheet
136Kb / 20P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
Broadcom Corporation.
AFBR-5103Z BOARDCOM-AFBR-5103Z Datasheet
136Kb / 20P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR-5905 HP-HFBR-5905 Datasheet
282Kb / 14P
   ATM Multimode Fiber Transceivers in 2 x 5 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5905Z AVAGO-AFBR-5905Z Datasheet
338Kb / 13P
   ATM Multimode Fiber Transceivers in 2 x 5 Package Style
logo
Datatronic Distribution...
NT803-043 DATATRONICS-NT803-043 Datasheet
76Kb / 1P
   100VG-AnyLAN Filter Module
NT803-021 DATATRONICS-NT803-021 Datasheet
52Kb / 1P
   100VG-AnyLAN Filter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com