Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY25 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATTINY25
Description  Atmel 8-bit AVR Microcontroller with 2/4/8K
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY25 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATTINY25_14 Datasheet HTML 3Page - ATMEL Corporation ATTINY25_14 Datasheet HTML 4Page - ATMEL Corporation ATTINY25_14 Datasheet HTML 5Page - ATMEL Corporation ATTINY25_14 Datasheet HTML 6Page - ATMEL Corporation ATTINY25_14 Datasheet HTML 7Page - ATMEL Corporation ATTINY25_14 Datasheet HTML 8Page - ATMEL Corporation ATTINY25_14 Datasheet HTML 9Page - ATMEL Corporation ATTINY25_14 Datasheet HTML 10Page - ATMEL Corporation ATTINY25_14 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7
2586N-Appendix B–AVR–08/11
ATtiny25
Note:
1. Values are guidelines only.
Table 2-7.
ADC Characteristics, Differential Channels (Unipolar Mode). T
A = -40°C to +125°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
Resolution
Gain = 1x
10
Bits
Gain = 20x
10
Bits
Absolute accuracy
(Including INL, DNL, and
Quantization, Gain and Offset
Errors)
Gain = 1x
VREF = 4V, VCC = 5V
ADC clock = 50 - 200 kHz
10.0
LSB
Gain = 20x
VREF = 4V, VCC = 5V
ADC clock = 50 - 200 kHz
20.0
LSB
Integral Non-Linearity (INL)
(Accuracy after Offset and
Gain Calibration)
Gain = 1x
VREF = 4V, VCC = 5V
ADC clock = 50 - 200 kHz
4.0
LSB
Gain = 20x
VREF = 4V, VCC = 5V
ADC clock = 50 - 200 kHz
10.0
LSB
Gain Error
Gain = 1x
10.0
LSB
Gain = 20x
15.0
LSB
Offset Error
Gain = 1x
VREF = 4V, VCC = 5V
ADC clock = 50 - 200 kHz
3.0
LSB
Gain = 20x
VREF = 4V, VCC = 5V
ADC clock = 50 - 200 kHz
4.0
LSB
Conversion Time
Free Running Conversion
70
280
µs
Clock Frequency
50
200
kHz
VIN
Input Voltage
GND
VCC
V
VDIFF
Input Differential Voltage
VREF/Gain
V
Input Bandwidth
4
kHz
AREF
External Reference Voltage
2.0
VCC - 1.0
V
VINT
Internal Voltage Reference
1.0
1.1
1.2
V
Internal 2.56V Reference (1)
VCC > 3.0V
2.3
2.56
2.8
V
RREF
Reference Input Resistance
32
k
Ω
RAIN
Analog Input Resistance
100
M
Ω
ADC Conversion Output
0
1023
LSB


Similar Part No. - ATTINY25_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY25 ATMEL-ATTINY25_14 Datasheet
1Mb / 34P
   Microcontroller with 2/4/8K Bytes In-System Programmable Flash
More results

Similar Description - ATTINY25_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY25V ATMEL-ATTINY25V Datasheet
662Kb / 29P
   Atmel 8-bit AVR Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATMEGA48PB ATMEL-ATMEGA48PB_14 Datasheet
934Kb / 23P
   Atmel AVR 8-bit Microcontroller with 4/8/16KBytes
ATTINY4 ATMEL-ATTINY4_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY5 ATMEL-ATTINY5_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY9 ATMEL-ATTINY9_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY10 ATMEL-ATTINY10_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY10-TSHR ATMEL-ATTINY10-TSHR Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY25 ATMEL-ATTINY25_13 Datasheet
2Mb / 234P
   Atmel 8-bit AVR Microcontroller
ATTINY261 ATMEL-ATTINY261_14 Datasheet
6Mb / 206P
   8-bit AVR Microcontroller with 2/4/8K Bytes In-System
ATTINY441 ATMEL-ATTINY441_14 Datasheet
17Mb / 366P
   8-bit AVR Microcontroller with 4/8K Bytes In-System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com