Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIN-HD270JTRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NIN-HD270JTRF
Description  SIZES K(0402), J (0603), D (0805) AND C (1008)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NIN-HD270JTRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NIN-HD270JTRF Datasheet HTML 1Page - NIC-Components Corp. NIN-HD270JTRF Datasheet HTML 2Page - NIC-Components Corp. NIN-HD270JTRF Datasheet HTML 3Page - NIC-Components Corp. NIN-HD270JTRF Datasheet HTML 4Page - NIC-Components Corp. NIN-HD270JTRF Datasheet HTML 5Page - NIC-Components Corp. NIN-HD270JTRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
40
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
COMPONENT DIMENSIONS (mm):
Type
Case Size
A
B
C
D (ref.)
E ±0.1
F ±0.05
NIN-HK
0402
1.19 max.
0.64 max.
0.66 max.
0.25
0.23
0.15
NIN-HJ
0603
1.80 max.
1.20 max.
1.02 max.
0.38
0.35
0.25
NIN-HD
0805
2.40 max.
1.60 max.
1.40 max.
0.51
0.44
0.15
NIN-HC
1008
2.90 max.
2.50 max.
2.03 max.
1.20
0.55
0.15
Type
L
G
H
NIN-HK
1.18
0.36
0.66
NIN-HJ
1.92
0.64
1.02
NIN-HD
2.80
0.76
1.78
NIN-HC
3.31
1.27
2.54
RECOMMEND LAND PATTERN
DIMENSIONS (mm)
Wirewound Chip Inductors
NIN-H Series
• SIZES K(0402), J (0603), D (0805) AND C (1008)
• HIGH Q, HIGH CURRENT AND HIGH SRF CHARACTERISTICS
• BOTH FLOW AND REFLOW SOLDERING APPLICABLE*
• HIGH INDUCTANCE AVAILABLE IN SMALL SIZE
• EMBOSSED PLASTIC TAPE PACKAGE FOR AUTOMATIC PICK-PLACE
*FLOW & REFLOW SOLDERING 0805 & 1008 SIZES, 0402 & 0603 REFLOW SOLDERING ONLY
FEATURES
ENVIRONMENTAL CHARACTERISTICS
NIN-H J 6N8 J TR F
Pb-free/RoHS compliant
Taped & Reeled
Tolerance Code
(S ±0.3nH, G ±2%, J ±5%, K ±10%, M ±20%)
Inductance Value in Nanohenries
(see standard values table for correct
value code)
Case Code (K=0402, J = 0603, D = 0805, C = 1008)
Series
PART NUMBER SYSTEM
Specifications
Case Size Code
0402 (K)
0603 (J)
0805 (D)
1008 (C)
Inductance Range
1.0nH ~ 68nH
1.8nH ~ 270nH
2.2nH ~ 910nH
10nH ~ 4.7
μH
Inductance Tolerance
±0.3nH (S), ±5% (J)
±2% (G), ±5% (J), ±10% (K), ±20% (M)
Operating Temperature Range
-40°C ~ +125°C
Test
Specifications
Test Method & Condition
Solderability
75% Min. Coverage
After 3 sec. dip in +230°C soldering pot (post flux)
Resistance to Soldering Heat
(1) No evidence of damage
(2) Inductance change ±5% of initial value
(3) Q factor within ±10% of initial value
(±20% for 0402 & 0603 case sizes)
After 5 seconds at +260°C (with pre-conditioning)
Humidity
(1) No evidence of damage
(2) Inductance change ±5% of initial value
(±10% for 0402 case size)
(3) Q factor within ±10% of initial value
(±20% for 0402 & 0603 case sizes)
After 500 hours at 60°C and 90 ~ 95% RH
(0402 case size - after 96 hours 50°C and 90 ~ 95% RH)
Low Frequency Vibration
After 2 hrs per axis, 10 ~ 55Hz, 1.5mm amplitude
Thermal Shock
After 100 cycles (10 cycles 0402) at -40°C and +125°C
(30 minutes at each temperature)
Low Temperature Storage
After 500 hrs at -40°C
High Temperature Load Life
(1) No evidence of damage
(2) Inductance change ±10% of initial value
(±20% for 0402 case size)
(3) Q factor within ±10% of initial value
(±20% for 0402 & 0603 case sizes)
After 500 hrs at +125°C with rated DC current
(0402 case size - after 1,000 hrs at +85°C)
Humidity Load Life
No evidence of short or open circuit
After 500 hrs at 60°C with 90 ~ 95% RH with rated DC current
(0402 case size- 1,000 hrs at +40°C)
*See Part Number System for Details
L
G
H
E
E
A
B
C
D
F
RoHS
Compliant
includes all homogeneous materials


Similar Part No. - NIN-HD270JTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NIN-HD270JTRF NIC-NIN-HD270JTRF Datasheet
522Kb / 6P
   Wirewound Chip Inductors
More results

Similar Description - NIN-HD270JTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NIN-PA4R7MTRF NIC-NIN-PA4R7MTRF Datasheet
124Kb / 13P
   EIA SIZES A (1210), B (1812), C (1008) AND D (0805)
logo
MERITEK ELECTRONICS COR...
SNT MERITEK-SNT Datasheet
1Mb / 10P
   EIA size 0402, 0603, 0805, 1206
logo
YAGEO Corporation
RL1206FR-070R47L YAGEO-RL1206FR-070R47L Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS sizes 0402/0603/0805/1206/ 1210/1218/2010/2512 RoHS compliant & Halogen Free
logo
Vishay Siliconix
NTHS0603N01N1003JE VISHAY-NTHS0603N01N1003JE Datasheet
91Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
Revision: 05-Jun-13
NTHS0603N02N1002JE VISHAY-NTHS0603N02N1002JE Datasheet
91Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
Revision: 05-Jun-13
NTHS VISHAY-NTHS_V01 Datasheet
93Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
01-Jan-2022
logo
Bi technologies
BMC BITECH-BMC Datasheet
245Kb / 3P
   Surface Mount Multilayer High Frequency Ceramic Chip Inductors 0402 - 0805 Industry Sizes
logo
Texas Instruments
TMP63 TI1-TMP63_V02 Datasheet
1Mb / 28P
[Old version datasheet]   TMP63 짹1% 100-k廓 Linear Thermistor With 0402 and 0603 Package Options
TMP63 TI1-TMP63_V03 Datasheet
1Mb / 28P
[Old version datasheet]   TMP63 짹1% 100-k廓 Linear Thermistor With 0402 and 0603 Package Options
logo
NIC-Components Corp.
NFI12K180TRF NIC-NFI12K180TRF Datasheet
147Kb / 5P
   SURFACE MOUNT CASE SIZES (0603 ~ 1206)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com