Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-1116T Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HFBR-1116T
Description  Fiber Optic Transmitter and Receiver Data Links for 155 MBd
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-1116T Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HFBR-1116T Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-1116T Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-1116T Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-1116T Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-1116T Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-1116T Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-1116T Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-1116T Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-1116T Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
197
Specifications–Absolute Maximum Ratings
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reference
Storage Temperature
TS
-40
100
°C
Lead Soldering Temperature
TSOLD
260
°C
Lead Soldering Time
tSOLD
10
sec.
Supply Voltage
VCC
-0.5
7.0
V
Data Input Voltage
VI
-0.5
VCC
V
Differential Input Voltage
VD
1.4
V
Note 1
Output Current
IO
50
mA
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reference
Ambient Operating Temperature
TA
070
°C
Supply Voltage
VCC
4.5
5.5
V
Data Input Voltage–Low
VIL - VCC
-1.810
-1.475
V
Data Input Voltage–High
VIH - VCC
-1.165
-0.880
V
Data and Signal Detect Output Load
RL
50
Note 2
HFBR-1116T Transmitter Electrical Characteristics
(TA = 0°C to 70°C, VCC = 4.5 V to 5.5 V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reference
Supply Current
ICC
145
185
mA
Note 3
Power Dissipation
PDISS
0.76
1.1
W
Note 5
Threshold Voltage
VBB - VCC
-1.42
-1.3
-1.24
V
Note 24
Data Input Current–Low
IIL
-350
0
µs
Data Input Current–High
IIH
14
350
µs
HFBR-2116T Receiver Electrical Characteristics
(TA = 0°C to 70°C, VCC = 4.5 V to 5.5 V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reference
Supply Current
ICC
82
145
mA
Note 4
Power Dissipation
PDISS
0.3
0.5
W
Note 5
Data Output Voltage–Low
VOL - VCC
-1.840
-1.620
V
Note 6
Data Output Voltage–High
VOH - VCC
-1.045
-0.880
V
Note 6
Data Output Rise Time
tr
0.35
2.2
ns
Note 7
Data Output Fall Time
tf
0.35
2.2
ns
Note 7
Signal Detect Output
VOL - VCC
-1.840
-1.620
V
Note 6
Voltage–Low (De-asserted)
Signal Detect Output
VOH - VCC
-1.045
-0.880
V
Note 6
Voltage–High (Asserted)
Signal Detect Output Rise Time
tr
0.35
2.2
ns
Note 7
Signal Detect Output Fall Time
tf
0.35
2.2
ns
Note 7


Similar Part No. - HFBR-1116T

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1116TZ AVAGO-HFBR-1116TZ Datasheet
189Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 155 MBd
logo
Broadcom Corporation.
HFBR-1116TZ BOARDCOM-HFBR-1116TZ Datasheet
189Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 155 MBd
More results

Similar Description - HFBR-1116T

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-1116TZ BOARDCOM-HFBR-1116TZ Datasheet
189Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 155 MBd
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1116TZ AVAGO-HFBR-1116TZ Datasheet
189Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 155 MBd
logo
Agilent(Hewlett-Packard...
HFBR-1115T HP-HFBR-1115T Datasheet
291Kb / 12P
   Fiber Optic Transmitter and Receiver Data Links for 125 MBd
logo
Broadcom Corporation.
HFBR-1115TZ BOARDCOM-HFBR-1115TZ Datasheet
597Kb / 12P
   Fiber Optic Transmitter and Receiver Data Links for 125 MBd
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1119TZ AVAGO-HFBR-1119TZ Datasheet
149Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 266 MBd
HFBR-1115TZ AVAGO-HFBR-1115TZ Datasheet
597Kb / 12P
   Fiber Optic Transmitter and Receiver Data Links for 125 MBd
logo
Agilent(Hewlett-Packard...
HFBR-1119T HP-HFBR-1119T Datasheet
284Kb / 11P
   Fiber Optic Transmitter and Receiver Data Links for 266 MBd
logo
List of Unclassifed Man...
DLR1040 ETC1-DLR1040 Datasheet
518Kb / 11P
   FIBER OPTIC DATA LINKS
logo
OPTEK Technologies
OPF520 OPTEK-OPF520 Datasheet
231Kb / 3P
   5 MBd Fiber Optic Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-1310Z AVAGO-AFBR-1310Z Datasheet
604Kb / 6P
   Fiber Optic Transmitter for Multi GHz Analog Links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com