Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2565L-1-V Datasheet(PDF) 4 Page - NEC

Part # PS2565L-1-V
Description  HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2565L-1-V Datasheet(HTML) 4 Page - NEC

  PS2565L-1-V Datasheet HTML 1Page - NEC PS2565L-1-V Datasheet HTML 2Page - NEC PS2565L-1-V Datasheet HTML 3Page - NEC PS2565L-1-V Datasheet HTML 4Page - NEC PS2565L-1-V Datasheet HTML 5Page - NEC PS2565L-1-V Datasheet HTML 6Page - NEC PS2565L-1-V Datasheet HTML 7Page - NEC PS2565L-1-V Datasheet HTML 8Page - NEC PS2565L-1-V Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
PS2565-1,-2,PS2565L-1,-2
ORDERING INFORMATION
Part Number
Package
Safety Standard Approval
Application part
number
*1
PS2565-1
PS2565L-1
PS2565L1-1
PS2565L2-1
4-pin DIP
4-pin DIP (lead bending surface mount)
4-pin DIP (for long distance)
4-pin DIP (for long distance surface
mount)
Standard products
PS2565-1
PS2565-2
PS2565L-2
8-pin DIP
8-pin DIP (lead bending surface mount)
PS2565-2
PS2565-1-V
PS2565L-1-V
PS2565L1-1-V
PS2565L2-1-V
4-pin DIP
4-pin DIP (lead bending surface mount)
4-pin DIP (for long distance)
4-pin DIP (for long distance surface
mount)
VDE0884 approved products (Option)
PS2565-1
PS2565-2-V
PS2565L-2-V
8-pin DIP
8-pin DIP (lead bending surface mount)
PS2565-2
*1 As applying to Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
PS2565-1,
PS2565L-1
PS2565-2,
PS2565L-2
Diode
Forward Current (DC)
IF
80
mA
Power Dissipation Derating
∆PD/°C
1.5
1.2
mW/
°C
Power Dissipation
PD
150
120
mW/ch
Peak Forward Current
*1
IFP
1A
Transistor
Collector to Emitter Voltage
VCEO
80
V
Emitter to Collector Voltage
VECO
7V
Collector Current
IC
50
mA/ch
Power Dissipation Derating
∆PC/°C
1.5
1.2
mW/
°C
Power Dissipation
PC
150
120
mW/ch
Isolation Voltage
*2
BV
5 000
3 750
*3
Vr.m.s.
Operating Ambient Temperature
TA
–55 to +100
°C
Storage Temperature
Tstg
–55 to +150
°C
*1 PW = 100
µs, Duty Cycle = 1 %
*2 AC voltage for 1 minute at TA = 25 °C, RH = 60 % between input and output
*3 VDE0884 approved products (Option)
• UL approved
• CSA approved
• BSI approved
• NEMKO approved
• DEMKO approved
• SEMKO approved
• FIMKO approved


Similar Part No. - PS2565L-1-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2565L-1-V RENESAS-PS2565L-1-V Datasheet
288Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2565L-1-V CEL-PS2565L-1-V Datasheet
971Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2565L-1-V RENESAS-PS2565L-1-V Datasheet
280Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2565L-1-V-A CEL-PS2565L-1-V-A Datasheet
971Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2565L-1-V-F3 RENESAS-PS2565L-1-V-F3 Datasheet
288Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2565L-1-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2565-1 RENESAS-PS2565-1_15 Datasheet
280Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2505-1 CEL-PS2505-1 Datasheet
217Kb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2505-1 RENESAS-PS2505-1_15 Datasheet
262Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2505-1 NEC-PS2505-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2565-1 RENESAS-PS2565-1 Datasheet
288Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2705-1 NEC-PS2705-1_01 Datasheet
57Kb / 6P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
PS2705-1 NEC-PS2705-1_03 Datasheet
394Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2705-1-L-A ETC2-PS2705-1-L-A Datasheet
213Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2565-1 CEL-PS2565-1 Datasheet
971Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2705-1 NEC-PS2705-1 Datasheet
117Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com