Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N3793-2203RB Datasheet(PDF) 2 Page - 3M Electronics

Part # N3793-2203RB
Description  .100.100 Latch/Ejector, Straight and Right Angle
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

N3793-2203RB Datasheet(HTML) 2 Page - 3M Electronics

  N3793-2203RB Datasheet HTML 1Page - 3M Electronics N3793-2203RB Datasheet HTML 2Page - 3M Electronics N3793-2203RB Datasheet HTML 3Page - 3M Electronics N3793-2203RB Datasheet HTML 4Page - 3M Electronics N3793-2203RB Datasheet HTML 5Page - 3M Electronics N3793-2203RB Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MThree-Wall Header
.100” × .100” Latch/Ejector, Straight and Right Angle
3000 Series
TS-0771-F
Sheet 2 of 5
.25
6.4
.31
7.9
.28
7.1
D
.100
2.54
REF.
B
POSITION #1
.15
3.8
.020
0.51
.100
2.54
REF.
.13
3.3
2X O .100 [2.54]
SEE NOTE #2
.573 ± .010
[ 14.55 ]
-X2XX
Header with
Short Ejector/Latch
for 3M Sockets without
Strain Relief
-X3XX
Header with
Long Ejector/Latch
for 3M Sockets with
Strain Relief
.424 ± .010
[ 10.77 ]
.08
[2.0]
.97 Ref
[24.6]
.37 Ref
[9.4]
.46 Ref
[11.7]
1.07 Ref
[27.2]
.08
[2.0]
F Typ
Section A-A
(Straight)
E ± .010
.30
[7.6]
.24
[6.1]
.025 ± .002 Sq Typ
[ 0.64 ]
CL
“Y”
.025 ±.002 Sq
Typ
[ 0.64 ]
Position 1
Orientation
Triangle
.21
[5.3]
.24
[6.1]
.30
[7.6]
F Typ
E ± .010
.049
Ref
.100 Ref
[2.54]
2X Ø .100
[2.54]
(See Note 2)
A
C
.16
[4.1]
.197
[5.00]
.20
[5.1]
Notch C
(See Table 1 & Note 1)
Notch B
(See Table 1)
Notch A
(See Table 1 & Note1)
B
B
Section B-B
.68
[17.3]
.35
[8.9]
.020
[0.51]
A
A
CL “Y”
(Right Angle)
.12
[3.0]
-X0XX
Header without Latchs
A


Similar Part No. - N3793-2203RB

ManufacturerPart #DatasheetDescription
logo
3M Electronics
N3793-3005EB 3M-N3793-3005EB Datasheet
749Kb / 6P
   4-WALL HEADER, ,100 X 100 LATCH/EJECT STRAIGHT & RA
N3793-5002RB 3M-N3793-5002RB Datasheet
749Kb / 6P
   4-WALL HEADER, ,100 X 100 LATCH/EJECT STRAIGHT & RA
N3793-5003RB 3M-N3793-5003RB Datasheet
749Kb / 6P
   4-WALL HEADER, ,100 X 100 LATCH/EJECT STRAIGHT & RA
N3793-5202RB 3M-N3793-5202RB Datasheet
682Kb / 5P
   3M??Pak 100 4-Wall Header
N3793-5203RB 3M-N3793-5203RB Datasheet
749Kb / 6P
   4-WALL HEADER, ,100 X 100 LATCH/EJECT STRAIGHT & RA
More results

Similar Description - N3793-2203RB

ManufacturerPart #DatasheetDescription
logo
3M Electronics
D3793-6202-AR 3M-D3793-6202-AR Datasheet
1Mb / 5P
   100??횞 .100??Latch/Ejector, Straight and Right Angle
N3408-6002RB 3M-N3408-6002RB Datasheet
1Mb / 5P
   .100 횞 .100 Latch/Ejector, Straight and Right Angle
3000 3M-3000_V01 Datasheet
1Mb / 5P
   100" × .100" Latch/Ejector, Straight and Right Angle
October 2, 2012
D3408-6002-AR 3M-D3408-6002-AR Datasheet
1Mb / 5P
   Four-Wall Header .100??횞 .100??Latch/Ejector, Straight and Right Angle
3433-5005 3M-3433-5005 Datasheet
1Mb / 5P
   Four-Wall Header .100" 횞 .100" Latch/Ejector, Straight and Right Angle
D3372-6302-AR 3M-D3372-6302-AR Datasheet
1Mb / 5P
   3M??Four-Wall Header .100??횞 .100??Latch/Ejector, Straight and Right Angle
N3431-5203RB 3M-N3431-5203RB Datasheet
1Mb / 5P
   3M??Four-Wall Header .100??횞 .100??Latch/Ejector, Straight and Right Angle
3428-1303 3M-3428-1303 Datasheet
1Mb / 6P
   3M??Three-Wall Header .100??횞 .100??Latch/Ejector, Straight and Right Angle
N3793-6002RB 3M-N3793-6002RB Datasheet
1Mb / 5P
   100 x 100 Latch/Ejector, Straight and Right Angle
81068-600C04 3M-81068-600C04 Datasheet
1Mb / 8P
   .050 횞 .100 Latch/Ejector, PTH & SMT Straight, PTH Right Angle 810 Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com