Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA8402 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATA8402
Description  UHF ASK/FSK Industrial Transmitter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA8402 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATA8402_14 Datasheet HTML 2Page - ATMEL Corporation ATA8402_14 Datasheet HTML 3Page - ATMEL Corporation ATA8402_14 Datasheet HTML 4Page - ATMEL Corporation ATA8402_14 Datasheet HTML 5Page - ATMEL Corporation ATA8402_14 Datasheet HTML 6Page - ATMEL Corporation ATA8402_14 Datasheet HTML 7Page - ATMEL Corporation ATA8402_14 Datasheet HTML 8Page - ATMEL Corporation ATA8402_14 Datasheet HTML 9Page - ATMEL Corporation ATA8402_14 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ATA8402 [DATASHEET]
4982D–INDCO–07/14
6
4.3
CLK Output
An output CLK signal is provided for a connected microcontroller. The delivered signal is CMOS compatible if the load
capacitance is lower than 10pF.
4.3.1
Clock Pulse Take-over
The clock of the crystal oscillator can be used for clocking the microcontroller. A special feature of Atmel®’s ATARx9x is that
it starts with an integrated RC-oscillator to switch on the ATA8402 with ENABLE = H, and after 1 ms assumes the clock
signal of the transmission IC, so that the message can be sent with crystal accuracy.
4.3.2
Output Matching and Power Setting
The output power is set by the load impedance of the antenna. The maximum output power is achieved with a load
impedance of ZLoad,opt =(166+j223)Ω. There must be a low resistive path to VS to deliver the DC current.
The delivered current pulse of the power amplifier is 9mA. The maximum output power is delivered to a resistive load of
465
Ω if the 1.0pF output capacitance of the power amplifier is compensated by the load impedance.
An optimum load impedance of:
ZLoad = 465Ω || j/(2 ×π 1.0pF) = (166 + j223)Ω thus results for the maximum output power of 7.5dBm.
The load impedance is defined as the impedance seen from the ATA8402’s ANT1, ANT2 into the matching network. Do not
confuse this large signal load impedance with a small signal input impedance delivered as input characteristic of RF
amplifiers and measured from the application into the IC instead of from the IC into the application for a power amplifier.
Less output power is achieved by lowering the real parallel part of 465
Ω where the parallel imaginary part should be kept
constant.
Output power measurement can be done with the circuit shown in Figure 4-2 on page 6. Note that the component values
must be changed to compensate for individual board parasitics until the ATA8402 has the right load impedance
ZLoad,opt =(166+j223)Ω. Also the damping of the cable used to measure the output power must be calibrated out.
Figure 4-2. Output Power Measurement
4.4
Application Circuit
A value of 68 nF/X7R is recommended for the supply-voltage blocking capacitor C3 (see Figure 4-3 on page 7 and Figure 4-
4 on page 8). C1 and C2 are used to match the loop antenna to the power amplifier where C1 typically is 8.2pF/NP0 and C2 is
6pF/NP0 (10pF + 15pF in series). For C2, two capacitors in series should be used to achieve a better tolerance value and to
have the possibility of realizing the ZLoad,opt using standard valued capacitors.
C1, together with the pins of ATA8402 and the PCB board wires, forms a series resonance loop that suppresses the 1
st
harmonic. Therefore, the position of C1 on the PCB is important. Normally the best suppression is achieved when C1 is
placed as close as possible to the pins ANT1 and ANT2.
The loop antenna should not exceed a width of 1.5mm, otherwise the Q-factor of the loop antenna is too high.
L1 ([50nH to 100nH) can be printed on PCB. C4 should be selected so that the XTO runs on the load resonance frequency of
the crystal. Normally, a 15pF load-capacitance crystal results in a value of 12pF.
1nF
2.2pF
33nH
C1
C2
L1
VS
Rin
ANT2
ANT1
ZLopt
Power
meter
50Ω
Z = 50Ω


Similar Part No. - ATA8402_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA8402 ATMEL-ATA8402 Datasheet
197Kb / 12P
   UHF ASK/FSK Industrial Transmitter
More results

Similar Description - ATA8402_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA8403 ATMEL-ATA8403 Datasheet
197Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA8401 ATMEL-ATA8401_08 Datasheet
222Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA8402 ATMEL-ATA8402 Datasheet
197Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA8401 ATMEL-ATA8401_14 Datasheet
678Kb / 13P
   UHF ASK/FSK Industrial Transmitter
ATA8403 ATMEL-ATA8403_14 Datasheet
665Kb / 13P
   UHF ASK/FSK Industrial Transmitter
ATA8403 ATMEL-ATA8403_08 Datasheet
222Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA8401 ATMEL-ATA8401 Datasheet
197Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA8401 ATMEL-ATA8401_09 Datasheet
352Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA8404 ATMEL-ATA8404 Datasheet
1Mb / 20P
   UHF ASK/FSK Industrial Transmitter
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
   UHF ASK/FSK TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com