Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4840-6004-CP Datasheet(PDF) 1 Page - 3M Electronics

Part # 4840-6004-CP
Description  Stamped and Formed, Dual-Wipe
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4840-6004-CP Datasheet(HTML) 1 Page - 3M Electronics

  4840-6004-CP Datasheet HTML 1Page - 3M Electronics 4840-6004-CP Datasheet HTML 2Page - 3M Electronics 4840-6004-CP Datasheet HTML 3Page - 3M Electronics 4840-6004-CP Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnector.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MDIP Socket
Stamped and Formed, Dual-Wipe
4800 Series
• Dual leaf, high compression contact provides reliable
termination
• Automatic insertion option is compatible with most
insertion equipment
• Side and end stackable
• RoHS Compliant. See the Regulatory Information
Appendix (RIA) in the "RoHS Compliance" section
of www.3mconnector.com for compliance
information (RIA E1 and C1 Apply)
Date Modified: April 19, 2011
TS-1099-B
Sheet 1 of 2
Physical
MarkingInsulation Material: Polyester Glass Filled
Flammability: UL 94V-0
Color: Black
Contact Material Phosphor Bronze
Underplating: 35 µ" [ 0.89 µm ] min. Nickel overall
Surface Plating: 135 µ" [ 3.43 µm ] min. Matte Tin
Insertion/Withdrawl Forces
Insertion Force: 340 grams max. per contact
Withdrawl Force: 80 grams min. per contact
Acceptable Pin Sizes
Diameter: .010″ - .011″ [ 0.25 mm - 0.27 mm ]
Length: .100″ - .130″ [ 2.54 mm - 3.30 mm ]
Mounting Information
Hole Diameter: .035" - .043" [ 0.90 mm - 1.10 mm ]
Marking None
Electrical
Current Rating: 1 A
Insulation Resistance: 5,000 MΩ at 500 V
DC
Withstanding Voltage: 100 V
AC for 1 minute
Environmental
Temperature Rating: -25°C to +85°C
Process Rating: 260°C max. wave solder reflow only


Similar Part No. - 4840-6004-CP

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
4840 KEYSTONE-4840 Datasheet
230Kb / 1P
   NYLON M/F HEX STANDOFF
4.10.96
logo
Shenzhen Tuofeng Semico...
4840 TUOFENG-4840 Datasheet
3Mb / 6P
   N-Channel Enhancement Mode Power MOSFET
v1.0
logo
Schurter Inc.
4840.1200 SCHURTER-4840.1200 Datasheet
271Kb / 2P
   4840, solder terminal, Socket, 6.3 mm, 2-pole, DC Plug/Socket
4840.1200 SCHURTER-4840.1200 Datasheet
220Kb / 2P
   4840, solder terminal, Plug, 5.5 mm, 2-pole, DC Plug/Socket
4840.1200 SCHURTER-4840.1200 Datasheet
233Kb / 2P
   , solder terminal, Plug, 5.5 mm, 2-pole, DC Plug/Socket
More results

Similar Description - 4840-6004-CP

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4808-3004-CP 3M-4808-3004-CP Datasheet
369Kb / 4P
   Stamped and Formed, Dual-Wipe
4848-6004-CP 3M-4848-6004-CP Datasheet
744Kb / 3P
   3M??DIP Socket Stamped and Formed, Dual-Wipe
logo
Amphenol Corporation
AT62-16-0622 AMPHENOL-AT62-16-0622 Datasheet
2Mb / 11P
   STAMPED AND FORMED CONTACTS
L177RRXXXS AMPHENOL-L177RRXXXS Datasheet
91Kb / 1P
   Stamped and formed contact.RR series
L777-RR-A15P AMPHENOL-L777-RR-A15P Datasheet
112Kb / 1P
   STAMPED AND FORMED CONNECTOR, RR SERIES
L77HDE15SD1CH4R AMPHENOL-L77HDE15SD1CH4R Datasheet
2Mb / 4P
   D-Sub connectors - Stamped and Formed Contacts
logo
Dubilier
DBCIC32SC6 DUBILIER-DBCIC32SC6_11 Datasheet
208Kb / 1P
   IC SOCKETS STAMPED & FORMED CONTACTS
DBCIC32SC6 DUBILIER-DBCIC32SC6 Datasheet
106Kb / 1P
   IC SOCKETS STAMPED & FORMED CONTACTS
logo
List of Unclassifed Man...
SC14M1TK6 ETC2-SC14M1TK6 Datasheet
955Kb / 2P
   Size 16 stamped and formed contacts for TRIM TRIO connectors
EDJ4G0 ETC2-EDJ4G0 Datasheet
63Kb / 2P
   Dual wipe contacts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com