Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-5430 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL-5430
Description  Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5430 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-5430 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-5430 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-5430 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-5430 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-5430 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5430 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5430 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5430 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5430 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1-525
Selection Guide–Package Styles and Lead Configuration Options
Package
8 Pin DIP
8 Pin DIP
20 Pad LCCC
Lead Style
Through Hole
Through Hole
Surface Mount
Channels
1
2
2
Common Channel
None
VCC, GND
None
Wiring
HP Part # & Options
Commercial
HCPL-5400
HCPL-5430
HCPL-6430
MIL-PRF-38534, Class H
HCPL-5401
HCPL-5431
HCPL-6431
MIL-PRF-38534, Class K
HCPL-540K
HCPL-543K
HCPL-643K
Standard Lead Finish
Gold Plate
Gold Plate
Solder Pads
Solder Dipped
Option #200
Option #200
Butt Cut/Gold Plate
Option #100
Option #100
Gull Wing/Soldered
Option #300
Option #300
SMD Part #
Prescript for all below
5962-
5962-
5962-
Either Gold or Solder
8957001PX
8957101PX
89571022X
Gold Plate
8957001PC
8957101PC
Solder Dipped
8957001PA
8957101PA
89571022A
Butt Cut/Gold Plate
8957001YC
8957101YC
Butt Cut/Soldered
8957001YA
8957101YA
Gull Wing/Soldered
8957001XA
8957101XA
data rate capability. The detector
has a threshold with hysteresis,
which typically provides 0.25 mA
of differential mode noise
immunity and minimizes the
potential for output signal
chatter. The detector in the single
channel units has a three state
output stage which eliminates the
need for a pull-up resistor and
allows for direct drive of a data
bus.
All units are compatible with TTL,
STTL, LSTTL, and HCMOS logic
families. The 35 ns pulse width
distortion specification guaran-
tees a 10 MBd signaling rate at
+125
°C with 35% pulse width
distortion. Figures 13 through 16
show recommended circuits for
reducing pulse width distortion
and optimizing the signal rate of
the product. Package styles for
these parts are 8 pin DIP through
hole (case outlines P), and
leadless ceramic chip carrier
(case outline 2). Devices may be
purchased with a variety of lead
bend and plating options. See
Selection Guide Table for details.
Standard Military Drawing (SMD)
parts are available for each
package and lead style.
Because the same electrical die
(emitters and detectors) are used
for each channel of each device
listed in this data sheet, absolute
maximum ratings, recommended
operating conditions, electrical
specifications, and performance
characteristics shown in the
figures are similar for all parts.
Occasional exceptions exist due
to package variations and limita-
tions and are as noted. Addition-
ally, the same package assembly
processes and materials are used
in all devices. These similarities
give justification for the use of
data obtained from one part to
represent other part’s perform-
ance for die related reliability and
certain limited radiation test
results.


Similar Part No. - HCPL-5430

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5430 AVAGO-HCPL-5430 Datasheet
353Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers High radiation immunity
More results

Similar Description - HCPL-5430

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-643X AVAGO-HCPL-643X Datasheet
353Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers High radiation immunity
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
5962-9800101KEC AVAGO-5962-9800101KEC Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
6N134 HP-6N134 Datasheet
259Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-6630 AVAGO-HCPL-6630 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com