Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-7860 Datasheet(PDF) 16 Page - Agilent(Hewlett-Packard)

Part # HCPL-7860
Description  Isolated 15-bit A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7860 Datasheet(HTML) 16 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7860 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 19Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 20Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
1-275
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-55
+125
°C
Ambient Operating Temperature
TA
-40
+85
°C
Supply Voltage
VDD
0
5.5
V
Input Voltage
All Inputs
-0.5
VDD + 0.5
V
Output Voltage
All Outputs
-0.5
VDD + 0.5
V
Lead Solder Temperature
260
°C for 10 seconds, 1.6 mm below seating plane
17
Solder Reflow Temperature Profile
See Reflow Thermal Profile
Note:
17. HP recommends the use of non-chlorinated solder fluxes.
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Note
Ambient Operating Temperature
TA
-40
+85
°C
Supply Voltage
VDD
4.5
5.5
V
Input Voltage
All Inputs
0
VDD
V
Maximum Solder Reflow Thermal Profile
240
∆T = 115°C, 0.3°C/SEC
0
∆T = 100°C, 1.5°C/SEC
∆T = 145°C, 1°C/SEC
TIME – MINUTES
220
200
180
160
140
120
100
80
60
40
20
0
260
12
3
456789
10
11
12
(NOTE: USE OF NON-CHLORINE ACTIVATED FLUXES IS RECOMMENDED.)


Similar Part No. - HCPL-7860

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7860 HP-HCPL-7860 Datasheet
560Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7860 AVAGO-HCPL-7860 Datasheet
244Kb / 18P
   The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
March 6, 2015
HCPL-7860 AVAGO-HCPL-7860 Datasheet
244Kb / 18P
   Optically Isolated Sigma-Delta (S-D) Modulator
HCPL-7860-000E AVAGO-HCPL-7860-000E Datasheet
244Kb / 18P
   The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
March 6, 2015
logo
Agilent(Hewlett-Packard...
HCPL-7860-300 HP-HCPL-7860-300 Datasheet
560Kb / 18P
   Optically Isolated Sigma-Delta Modulator
More results

Similar Description - HCPL-7860

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3306 INTERSIL-HI3306 Datasheet
153Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converter
December 1997
logo
Microchip Technology
TC850 MICROCHIP-TC850_13 Datasheet
350Kb / 30P
   15-Bit, Fast Integrating CMOS A/D Converter
11/29/12
TC850 MICROCHIP-TC850 Datasheet
539Kb / 26P
   15-Bit, Fast Integrating CMOS A/D Converter
2006
logo
Intersil Corporation
HI3318 INTERSIL-HI3318 Datasheet
109Kb / 12P
   8-Bit, 15 MSPS, Flash A/D Converter
August 1997
logo
Keysight Technologies
M9185A KEYSIGHT-M9185A Datasheet
259Kb / 8P
   PXI Isolated D/A Converter
logo
List of Unclassifed Man...
MN674A ETC1-MN674A Datasheet
504Kb / 8P
   UP-COMPATIBLE 15 usec 12-Bit A/D CONVERTER
logo
Maxim Integrated Produc...
MAX171 MAXIM-MAX171 Datasheet
1Mb / 9P
   Opto-Isolated Serial Output 5.8us 12-Bit A/D Converter
logo
List of Unclassifed Man...
ADC-800 ETC2-ADC-800 Datasheet
403Kb / 8P
   15-BIT PLUS SIGN A/D CONVERTER WITH MICROPROCESSOR INTERFACE
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
logo
Sanyo Semicon Device
LC7880M SANYO-LC7880M Datasheet
228Kb / 6P
   16 bit D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com