Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-M456 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HCPL-M456
Description  Intelligent Power Module and Gate Drive Interface Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-M456 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL-M456 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-M456 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-M456 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-M456 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-M456 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-M456 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-M456 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-M456 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-M456 Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
1-59
Figure 20. Optocoupler Input to
Output Capacitance Model for
Unshielded Optocouplers.
Figure 19. Recommended LED Drive Circuit.
Figure 18. Thermal Derating Curve, Dependence of Safety Limiting Value with
Case Temperature per VDE 0884.
Figure 22. LED Drive Circuit with Resistor Connected to LED
Anode (Not Recommended).
Figure 21. Optocoupler Input to
Output Capacitance Model for
Shielded Optocouplers.
0.1 µF
VCC = 15 V
20 k
CMOS
310
+5 V
VOUT
100 pF
+
*100 pF TOTAL
CAPACITANCE
8
7
6
1
3
SHIELD
5
2
4
20 k
8
7
6
1
3
SHIELD
5
2
4
CLEDP
CLEDN
20 k
8
7
6
1
3
SHIELD
5
2
4
CLEDP
CLEDN
CLED01
CLED02
20 k
0.1 µF
VCC = 15 V
20 k
CMOS
310
+5 V
VOUT
100 pF
+
*100 pF TOTAL
CAPACITANCE
8
7
6
1
3
SHIELD
5
2
4
20 k
0
0
TS – CASE TEMPERATURE – °C
175
1000
50
400
125
25
75
100
150
600
800
200
100
300
500
700
900
PS (mW)
IS (mA)
HCNW4506
0
0
TS – CASE TEMPERATURE – °C
200
50
400
125
25
75 100
150
600
800
200
100
300
500
700
PS (mW)
IS (mA)
HCPL-4506 OPTION 060
175
(230)
Figure 23. AC Equivalent Circuit for Figure 22 During
Common Mode Transients.
20 k
* THE ARROWS INDICATE THE DIRECTION OF CURRENT
FLOW FOR +dVCM/dt TRANSIENTS.
310
VOUT
100 pF
+
ITOTAL*
VCM
8
7
6
1
3
SHIELD
5
2
4
20
k
CLEDN
CLED01
CLED02
ICLEDP
IF
CLEDP
ICLED01


Similar Part No. - HCPL-M456

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M456 AVAGO-HCPL-M456 Datasheet
197Kb / 14P
   Small Outline, 5 Lead Intelligent Power Module Optocoupler
More results

Similar Description - HCPL-M456

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-0466-500E AVAGO-HCPL-0466-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456 AVAGO-HCPL-J456 Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-0466-560E AVAGO-HCPL-0466-560E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506 AVAGO-HCPL-4506 Datasheet
359Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456-000E AVAGO-HCPL-J456-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506-000E AVAGO-HCPL-4506-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com