Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL4562 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HCPL4562
Description  High Bandwidth, Analog/Video Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL4562 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL4562 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL4562 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL4562 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL4562 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL4562 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL4562 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL4562 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL4562 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL4562 Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
1-395
Package Characteristics
All Typicals at TA = 25°C
Parameter
Sym.
Device
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Input-Output
VISO
HCPL-4562
2500
V rms
RH
≤ 50%,
5, 12
Momentary
HCNW4562
5000
t = 1 min.,
5, 13
Withstand
HCPL-4562
5000
TA = 25°C
5, 13
Voltage*
(Option 020)
Input-Output
RI-O
HCPL-4562
1012
VI-O = 500 Vdc
5
Resistance
HCNW4562
1012
1013
TA = 25°C
1011
TA = 100°C
Input-Output
CI-O
HCPL-4562
0.6
pF
f = 1 MHz
5
Capacitance
HCNW4562
0.5
0.6
*The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output
continuous voltage rating. For the continuous voltage rating refer to the VDE 0884 Insulation Related Characteristics Table (if
applicable), your equipment level safety specification or HP Application Note 1074 entitled “Optocoupler Input-Output Endurance
Voltage,” publication number 5963-2203E.
Notes:
1. When used in the circuit of Figure 1
or Figure 4; GV = VOUT/VIN; IFQ =
6 mA (HCPL-4562), IFQ = 10 mA
(HCNW4562).
2. Derate linearly above 70
°C free-air
temperature at a rate of 2.0 mW/
°C
(HCPL-4562).
3. Maximum variation from the best fit
line of IPB vs. IF expressed as a
percentage of the peak-to-peak full
scale output.
4. CURRENT TRANSFER RATIO (CTR)
is defined as the ratio of output
collector current, IO, to the forward
LED input current, IF, times 100%.
5. Device considered a two-terminal
device: Pins 1, 2, 3, and 4 shorted
together and Pins 5, 6, 7, and 8
shorted together.
6. Flat-band, small-signal voltage gain.
7. The frequency at which the gain is
3 dB below the flat-band gain.
8. Differential gain is the change in the
small-signal gain of the optocoupler
at 3.58 MHz as the bias level is varied
over a given range.
9. Differential phase is the change in the
small-signal phase response of the
optocoupler at 3.58 MHz as the bias
level is varied over a given range.
10. TOTAL HARMONIC DISTORTION
(THD) is defined as the square root
of the sum of the square of each
harmonic distortion component. The
THD of the isolated video circuit is
measured using a 2.6 k
Ω load in
series with the 50
Ω input impedance
of the spectrum analyzer.
11. ISOLATION MODE REJECTION
RATIO (IMRR), a measure of the
optocoupler’s ability to reject signals
or noise that may exist between input
and output terminals, is defined by
20 log10 [(VOUT/VIN)/(VOUT/VIM)],
where VIM is the isolation mode
voltage signal.
12. In accordance with UL 1577, each
optocoupler is proof tested by
applying an insulation test voltage
≥ 3000 V rms for 1 second (leakage
detection current limit, II-O ≤ 5 µA).
This test is performed before the
100% Production test shown in the
VDE 0884 Insulation Related
Characteristics Table, if applicable.
13. In accordance with UL 1577, each
optocoupler is proof tested by
applying an insulation test voltage
≥ 6000 V rms for 1 second (leakage
detection current limit, II-O ≤ 5 µA).
This test is performed before the
100% Production test shown in the
VDE 0884 Insulation Related
Characteristics Table, if applicable.


Similar Part No. - HCPL4562

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Fairchild Semiconductor
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502M FAIRCHILD-HCPL4502M Datasheet
363Kb / 13P
   High Speed Transistor Optocouplers
More results

Similar Description - HCPL4562

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4562-300E AVAGO-HCPL-4562-300E Datasheet
358Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
HCPL-4562-020 AVAGO-HCPL-4562-020 Datasheet
358Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
HCNR201-500E AVAGO-HCNR201-500E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-300E AVAGO-HCNR201-300E Datasheet
237Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-000E AVAGO-HCNR201-000E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR200-300 AVAGO-HCNR200-300 Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201 AVAGO-HCNR201 Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR200-500E AVAGO-HCNR200-500E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-300 AVAGO-HCNR201-300 Datasheet
396Kb / 19P
   High-Linearity Analog Optocouplers
logo
Agilent(Hewlett-Packard...
HCNR200 HP-HCNR200 Datasheet
241Kb / 16P
   High-Linearity Analog Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com