Electronic Components Datasheet Search |
|
114-2048-9-71 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers |
|
114-2048-9-71 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers |
8 / 8 page 145 JR-W Series●IP67 waterproof protected heavy duty metal shell connectors ■Contacts arrangement and specifications shell size 13 No.of pins 3 5 Voltage resistance 1,000V AC for 1 minute 1,000V AC for 1 minute Current capacity 10A 5A Insulation resistance 1000M ohm or above 1000M ohm or above Contact resisitance 5m ohm or below 5m ohm or below Solder pot inner diameter Ø1.7 Ø1.1 shell size 16 No.of pins 7 10 Voltage resistance 1000V AC for 1 minute 1000V AC for 1 minute Current capacity 10A 5A Insulation resistance 1000M ohm or above 1000M ohm or above Contact resisitance 5m ohm or below 5m ohm or below Solder pot inner diameter Ø1.7 Ø1.1 shell size 21 No.of pins 10 16 Voltage resistance 1000V AC for 1 minute 1000V AC for 1 minute Current capacity 10A 5A Insulation resistance 1000M ohm or above 1000M ohm or above Contact resisitance 5m ohm or below 5m ohm or below Solder pot inner diameter Ø1.7 Ø1.1 shell size 25 No.of pins 4 5 8 16 24 Voltage resistance 3000V AC for 1 minute 3000V AC for 1 minute 3000V AC for 1 minute 3000V AC for 1 minute 1000V AC for 1 minute Current capacity 30A 10A 10A 10A 5A Insulation resistance 10,000M ohm or above 10,000M ohm or above 10,000M ohm or above 1000M ohm or above 1000M ohm or above Contact resisitance 5m ohm or below 5m ohm or below 5m ohm or below 5m ohm or below 5m ohm or below Solder pot inner diameter Ø3.4 Ø1.7 Ø1.7 Ø1.7 Ø1.1 Remarls: 1.Illustrations show the fitting faces of connectors having male terminals. 2.The voltage resistance is indicated at a test voltage value. The regular voltage value. The regular voltage is one tenth or below of the test voltage value. 1.Be sure to turn off the power to the circuit before connecting or disconnecting the connector. 2.Be sure to use the connector having famale terminals on the power side to the circuit. 3.Be sure to use the connector with the screw lock activated(thoroughly tightened). 4.Use the connector as the combination of water-proof types. ■Notes in Use The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. |
Similar Part No. - 114-2048-9-71 |
|
Similar Description - 114-2048-9-71 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |