Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-3120 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL-3120
Description  2.0 Amp Output Current IGBT Gate Drive Optocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-3120 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-3120 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-3120 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-3120 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-3120 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-3120 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-3120 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-3120 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-3120 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-3120 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
1-186
Electrical Specifications (DC)
Over recommended operating conditions (TA = -40 to 100°C, IF(ON) = 7 to 16 mA, VF(OFF) = -3.0 to 0.8 V,
VCC = 15 to 30 V, VEE = Ground) unless otherwise specified.
Parameter
Symbol
Min.
Typ.*
Max. Units
Test Conditions
Fig.
Note
High Level
IOH
0.5
1.5
A
VO = (VCC - 4 V)
2, 3,
5
2.0
A
VO = (VCC - 15 V)
17
2
Low Level
IOL
0.5
2.0
A
VO = (VEE + 2.5 V)
5, 6,
5
2.0
A
VO = (VEE + 15V)
18
2
High Level Output
VOH
(VCC - 4) (VCC - 3)
V
IO = -100 mA
1, 3,
6, 7
Voltage
19
Low Level Output
VOL
0.1
0.5
V
IO = 100 mA
4, 6,
Voltage
20
High Level Supply
ICCH
2.0
5.0
mA
Output Open,
7, 8
Current
IF = 7 to 16 mA
Low Level Supply
ICCL
2.0
5.0
mA
Output Open,
Current
VF = -3.0 to +0.8 V
Threshold Input
IFLH
2.3
5.0
mA
IO = 0 mA,
9, 15,
Current Low to High
VO > 5 V
21
Threshold Input
Voltage High to Low
VFHL
0.8
V
Input Forward
VF
1.2
1.5
1.8
V
IF = 10 mA
16
Voltage
Temperature
∆V
F /∆TA
-1.6
mV/
°CI
F = 10 mA
Coefficient
of Forward Voltage
Input Reverse
BVR
5
V
Ir = 10
µA
Breakdown Voltage
Input Capacitance
CIN
60
pF
f = 1 MHz, VF = 0 V
UVLO Threshold
VUVLO+
11.0
12.3
13.5
V
VO > 5 V, IF = 10 mA
22, 36
VUVLO–
9.5
10.7
12.0
UVLO Hysteresis
UVLOHYS
1.6
* All typical values at TA = 25°C and VCC - VEE = 30 V, unless otherwise noted.
Output Current
Output Current


Similar Part No. - HCPL-3120

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120 AVAGO-HCPL-3120 Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-3120 BOARDCOM-HCPL-3120 Datasheet
54Kb / 3P
   Option 060 for Plastic Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-000E AVAGO-HCPL-3120-000E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-000E AVAGO-HCPL-3120-000E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-060E AVAGO-HCPL-3120-060E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
More results

Similar Description - HCPL-3120

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5120 HP-HCPL-5120 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3120 HP-HCPL3120 Datasheet
490Kb / 18P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5120 AVAGO-HCPL-5120 Datasheet
161Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
logo
Broadcom Corporation.
HCPL-5120 BOARDCOM-HCPL-5120 Datasheet
1Mb / 19P
   2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com