Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA6836C Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATA6836C
Description  Hex Half-bridge Driver with Serial Input Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6836C Datasheet(HTML) 4 Page - ATMEL Corporation

  ATA6836C_14 Datasheet HTML 1Page - ATMEL Corporation ATA6836C_14 Datasheet HTML 2Page - ATMEL Corporation ATA6836C_14 Datasheet HTML 3Page - ATMEL Corporation ATA6836C_14 Datasheet HTML 4Page - ATMEL Corporation ATA6836C_14 Datasheet HTML 5Page - ATMEL Corporation ATA6836C_14 Datasheet HTML 6Page - ATMEL Corporation ATA6836C_14 Datasheet HTML 7Page - ATMEL Corporation ATA6836C_14 Datasheet HTML 8Page - ATMEL Corporation ATA6836C_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ATA6836C [DATASHEET]
4952N–AUTO–05/14
4
2.
Pin Configuration
2.1
SO28
Figure 2-1. Pinning SO28
Table 2-1.
Pin Description SO28
Pin
Symbol
Function
1, 2
OUT5
Half-bridge output 5; formed by internally connected power MOS high-side switch 5 and low-
side switch 5 with internal reverse diodes; short circuit protection; overtemperature protection;
diagnosis for short and open load
3, 4
OUT4
Output 4; see pin 1
5
VS
Power supply output stages HS4, HS5, HS6, internal supply; external connection to pin 10
necessary
6, 7, 8, 9
GND
Ground; reference potential; internal connection to pins 20 to 23; cooling tab
10
VS
Power supply output stages HS1, HS2 and HS3
11, 12
OUT3
Output 3; see pin 1
13, 14
OUT2
Output 2; see pin 1
15, 16
OUT1
Output 1; see pin 1
17
INH
Inhibit input, 5V logic input with internal pull down, low = standby, high = normal operation
18
DO
Serial data output, 5V CMOS logic level tri-state output for output (status) register data, sends
16-bit status information to the microcontroller (LSB is transferred first). Output will remain tri-
stated unless device is selected by CS = low; therefore, several ICs can operate on one data
output line only
19
VCC
Logic supply voltage (5V)
20, 21,
22, 23
GND
Ground, see pins 6 to 9
24
CS
Chip select input, 5V CMOS logic level input with internal pull up;
low = serial communication is enabled, high = disabled
25
CLK
Serial clock input, 5V CMOS logic level input with internal pull down,
controls serial data input interface and internal shift register (fmax = 2MHz)
26
DI
Serial data input; 5V CMOS logic level input with internal pull down; receives serial data from
the control device; DI expects a 16-bit control word with LSB being transferred first
27, 28
OUT6
Output 6; see pin 1
OUT5
OUT5
OUT4
OUT4
VS
GND
GND
GND
GND
VS
OUT3
OUT3
OUT2
OUT2
OUT6
OUT6
DI
CLK
CS
GND
GND
GND
GND
VCC
DO
INH
OUT1
OUT1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15


Similar Part No. - ATA6836C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6836C-PXQW ATMEL-ATA6836C-PXQW Datasheet
458Kb / 21P
   Hex Half-bridge Driver with Serial Input Control
ATA6836C-TIQY ATMEL-ATA6836C-TIQY Datasheet
458Kb / 21P
   Hex Half-bridge Driver with Serial Input Control
More results

Similar Description - ATA6836C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6838 ATMEL-ATA6838 Datasheet
389Kb / 18P
   Hex Half-bridge Driver with Serial Input Control
ATA6836 ATMEL-ATA6836_09 Datasheet
443Kb / 20P
   Hex Half-bridge Driver with Serial Input Control
ATA6836 ATMEL-ATA6836 Datasheet
434Kb / 20P
   Hex Half-bridge Driver with Serial Input Control
ATA6838C ATMEL-ATA6838C_14 Datasheet
590Kb / 18P
   Hex Half-bridge Driver with Serial Input Control
ATA6836 ATMEL-ATA6836_10 Datasheet
458Kb / 21P
   Hex Half-bridge Driver with Serial Input Control
logo
Monolithic Power System...
MPQ6526 MPS-MPQ6526 Datasheet
1Mb / 19P
   Hex Half-Bridge Motor Driver with Serial Input Control
logo
ATMEL Corporation
ATA6837 ATMEL-ATA6837_09 Datasheet
398Kb / 18P
   High Temperature Hex Half-bridge Driver with Serial Input Control
ATA6837 ATMEL-ATA6837 Datasheet
390Kb / 18P
   High Temperature Hex Half-bridge Driver with Serial Input Control
ATA6839 ATMEL-ATA6839 Datasheet
390Kb / 18P
   High Temperature Hex Half-bridge Driver with Serial Input Control
T6818 ATMEL-T6818_09 Datasheet
577Kb / 15P
   Triple Half bridge Output Driver with Serial Input Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com