Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCK3048D15 Datasheet(PDF) 2 Page - XP Power Limited

Part # JCK3048D15
Description  2 1 Input Range
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCK3048D15 Datasheet(HTML) 2 Page - XP Power Limited

  JCK3048D15 Datasheet HTML 1Page - XP Power Limited JCK3048D15 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15-Oct-09-1
JCK30
Input
Voltage
Output
Voltage
Output
Current
Input Current (1)
Maximum
Capacitive Load
Efficiency
Model
Number
No Load
Full Load
9-18 VDC
3.3 V
8.00 A
80 mA
2426 mA
20000 µF
89%
JCK3012S3V3
5.0 V
6.00 A
120 mA
2874 mA
14000 µF
91%
JCK3012S05
5.1 V
6.00 A
110 mA
2874 mA
14000 µF
92%
JCK3012S5V1
12.0 V
2.50 A
50 mA
2809 mA
2000 µF
91%
JCK3012S12
15.0 V
2.00 A
50 mA
2809 mA
2000 µF
92%
JCK3012S15
±5.0 V
±3.00 A
180 mA
2874 mA
±3000 µF
89%
JCK3012D05
±12.0 V
±1.25 A
50 mA
2874 mA
±1300 µF
90%
JCK3012D12
±15.0 V
±1.00 A
60 mA
2874 mA
±1300 µF
91%
JCK3012D15
18-36 VDC
3.3 V
8.00 A
60 mA
1185 mA
20000 µF
91%
JCK3024S3V3
5.0 V
6.00 A
100 mA
1420 mA
14000 µF
92%
JCK3024S05
5.1 V
6.00 A
90 mA
1448 mA
14000 µF
92%
JCK3024S5V1
12.0 V
2.50 A
30 mA
1436 mA
2000 µF
92%
JCK3024S12
15.0 V
2.00 A
30 mA
1420 mA
2000 µF
92%
JCK3024S15
±5.0 V
±3.00 A
120 mA
1437 mA
±3000 µF
90%
JCK3024D05
±12.0 V
±1.25 A
30 mA
1453 mA
±1300 µF
91%
JCK3024D12
±15.0 V
±1.00 A
40 mA
1437 mA
±1300 µF
91%
JCK3024D15
36-75 VDC
3.3 V
8.00 A
50 mA
593 mA
20000 µF
90%
JCK3048S3V3
5.0 V
6.00 A
60 mA
710 mA
14000 µF
91%
JCK3048S05
5.1 V
6.00 A
60 mA
710 mA
14000 µF
91%
JCK3048S5V1
12.0 V
2.50 A
30 mA
718 mA
2000 µF
91%
JCK3048S12
15.0 V
2.00 A
30 mA
718 mA
2000 µF
91%
JCK3048S15
±5.0 V
±3.00 A
70 mA
710 mA
±3000 µF
90%
JCK3048D05
±12.0 V
±1.25 A
30 mA
718 mA
±1300 µF
90%
JCK3048D12
±15.0 V
±1.00 A
40 mA
718 mA
±1300 µF
90%
JCK3048D15
Notes
1. Input current specified at nominal input.
2. Cross regulation for duals is ±5% when one output is at 100% and the other is
varied between 25% and 100%.
3. Measured with 1 µF ceramic capacitor across output rails.
0.10
(2.54)
0.10
(2.54)
0.60 (15.24)
0.20
(5.08)
0.10
(2.54)
0.40
(10.16)
0.40
(10.16)
0.10
(2.54)
45
12
3
6
Bottom View
Single & Dual
Output Models
0.10
(2.54)
DIA.
0.04
(1.00)
0.40
(10.16)
0.20
(5.08)
min
2.00
(50.80)
Mechanical Details
Application Notes
-40
-20
0
10
20
30
40
50
60
70
80
90
100
110
20
40
60
80
100
Ambient Temperature (ºC)
0
Derating Curve
PIN CONNECTIONS
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
Remote On/Off Remote On/Off
4
+Vout
+Vout
5
Com
Com
6
Trim
-Vout
Remote On/Off Control
Output On >3.0 VDC or open circuit
Output Off <1.2 VDC or short circuit pins 2 & 3
1. All dimensions are in inches (mm).
2. Pin diameter: 0.04 ±0.002 (1.0 ±0.05)
3. Pin pitch tolerance: ±0.014 (±0.35)
4. Case tolerance: ±0.02 (±0.5)
Notes
Weight: 0.07 lbs (30 g) approx
12 µF
100 µF, 100 V
470 pF, 2 kV
+
-
+Vin
DC/DC
Converter
-Vout
-Vin
Input Filter
Models and Ratings


Similar Part No. - JCK3048D15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCK3048D15 XPPOWER-JCK3048D15 Datasheet
101Kb / 2P
   30 Watts JCK Series
More results

Similar Description - JCK3048D15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCD0512S05 XPPOWER-JCD0512S05 Datasheet
201Kb / 4P
   2 1 Input Range
SF_JCK15 XPPOWER-SF_JCK15 Datasheet
287Kb / 2P
   2:1 Input Range
JCK2012S15 XPPOWER-JCK2012S15 Datasheet
294Kb / 2P
   2 1 Input Range
logo
Total Power Internation...
MKW1000 TOTAL-POWER-MKW1000_17 Datasheet
483Kb / 4P
   Wide 2:1 Input Range
MKW2500 TOTAL-POWER-MKW2500_17 Datasheet
439Kb / 5P
   Wide 2:1 Input Range
logo
Recom International Pow...
RSE RECOM-RSE Datasheet
371Kb / 5P
   2:1 Wide Input Range
logo
Wall Industries,Inc.
DCHF100W WALL-DCHF100W Datasheet
191Kb / 4P
   2:1 Input Voltage Range
DCHF600W WALL-DCHF600W Datasheet
150Kb / 4P
   2:1 Input Voltage Range
logo
Total Power Internation...
MKW5000 TOTAL-POWER-MKW5000_17 Datasheet
496Kb / 5P
   Wide 2:1 Input Range
logo
Recom International Pow...
RSOE RECOM-RSOE Datasheet
380Kb / 5P
   2:1 Wide Input Range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com