Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K-84-C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # K-84-C
Description  K-Series Infrared Touchscreen
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

K-84-C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  K-84-C Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15″ to 26″
6.4″ to 26″
Panel display device
4096*4096
1.5mm
<20ms
Finger, gloved hand, or opaque object
Unlimited
No minimum touch activation force is required with IR touch technology
8mm
No break by steel ball (Diameter 63.5mm Weight1040g)dropping from 1040mm high
Surface durability is that of glass, Mohs’hardness rating of 7
≥92%, up to 100% (no glass)
Operating: -20°C ~ 70°C
Storage: -40°C ~ 85°C
Operating: 90%(noncondensing at max 40°C)
Storage: 90%(noncondensing at max 40°C)
Up to 3,000m
At least 7-year
Typical +DC 5V, +4.75V to +5.25V
USB or PS/2 Interface, power ripple max.200mV rms
<1.5W, operating current<300mA
CE, FCC Class B
USB/EIA-232E
Windows 2000\XP\2003\Vista\CE, Linux, Mac OS
General Size
Customized Size
Fit in with
Resolution(Interpolation)
Linearity Error
Response Speed
Input Method
Touch Times
Touch Activation Force
Minimum Touch Object
Vandal-proof
Surface Durability
Light Transmission
Temperature
Relative Humidity
Altitude
Life Time
Operation Voltage
Power Supply
Power
Agency Approvals
Interface
Operation System
Size
Performance
Mechanical
Optical
Environmental
Electrical
www.irtouch.com
BEIJINGIRTOUCHSYSTEMS CO. LTD.
K-Series Infrared Touchscreen


Similar Part No. - K-84-C

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
K-850-650 SAMTEC-K-850-650 Datasheet
478Kb / 2P
   VITA 42 (LEADED) SOCKET ASSEMBLY
K-850-650 SAMTEC-K-850-650 Datasheet
719Kb / 2P
   VITA 42 (LEAD FREE) SOCKET ASSEMBLY
K-850-650 SAMTEC-K-850-650 Datasheet
661Kb / 2P
   VITA 42 lif (LEAD FREE) SOCKET ASSEMBLY
K-850-650 SAMTEC-K-850-650 Datasheet
721Kb / 2P
   VITA 42 (LEAD FREE) SOCKET ASSEMBLY
More results

Similar Description - K-84-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K-15-C ETC2-K-15-C Datasheet
175Kb / 1P
   K-Series Infrared Touchscreen
K-19-U ETC2-K-19-U Datasheet
175Kb / 1P
   K-Series Infrared Touchscreen
logo
Schurter Inc.
10700435 SCHURTER-10700435 Datasheet
388Kb / 5P
   TOUCHSCREEN
10700426 SCHURTER-10700426 Datasheet
198Kb / 5P
   TOUCHSCREEN
10700430 SCHURTER-10700430 Datasheet
197Kb / 5P
   TOUCHSCREEN
10700445 SCHURTER-10700445 Datasheet
560Kb / 5P
   TOUCHSCREEN
10700450 SCHURTER-10700450 Datasheet
199Kb / 5P
   TOUCHSCREEN
10700482 SCHURTER-10700482 Datasheet
188Kb / 4P
   TOUCHSCREEN
10700416 SCHURTER-10700416 Datasheet
402Kb / 5P
   TOUCHSCREEN
10700419 SCHURTER-10700419 Datasheet
377Kb / 5P
   TOUCHSCREEN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com