Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-2601 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL-2601
Description  High CMR Line Receiver Optocouplers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-2601 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL-2601 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
1-321
Switching Specifications
Over recommended temperature (T
A = 0°C to +70°C), VCC = 5 V, II = 7.5 mA, unless otherwise specified.
Parameter
Symbol
Device
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay
75
ns
TA = 25°C
Time to High Output
tPLH
20
48
6, 7, 8
3
Level
100
ns
Propagation Delay
75
ns
TA = 25°C
Time to Low Output
tPHL
25
50
6, 7, 8
4
Level
100
ns
RL = 350 Ω
Pulse Width
|tPHL-tPLH|
3.5
35
ns
CL = 15 pF
9
13
Distortion
Propagation Delay
tPSK
40
ns
12,
Skew
13
Output Rise Time
tr
24
ns
12
(10-90%)
Output Fall Time
tf
10
ns
12
(90-10%)
Propagation Delay
tELH
30
ns
RL = 350 Ω, CL = 15 pF,
Time of Enable from
VEL = 0 V, VEH = 3 V
10, 11
5
VEH to VEL
Propagation Delay
tEHL
20
ns
RL = 350 Ω, CL = 15 pF,
Time of Enable from
VEL = 0 V, VEH = 3 V
10, 11
6
VEL to VEH
Common Mode
HCPL-2602
1000 10,000
VCM = 50 V
VO(MIN) = 2 V,
Transient
|CMH|V/µsRL = 350 Ω,
13
7, 9,
Immunity at High
HCPL-2612
3500 15,000
VCM = 300 V II = 0 mA,
10
Output Level
TA = 25°C
Common Mode
HCPL-2602
1000 10,000
VCM = 50 V
VO(MAX) = 0.8 V,
Transient
|CML|V/µsRL = 350 Ω,
13
8, 9
Immunity at Low
HCPL-2612
3500 15,000
VCM = 300 V II = 7.5 mA,
10
Output Level
TA = 25°C
*All typicals at V
CC = 5 V, TA = 25°C.
Package Characteristics
All Typicals at TA = 25°C
Parameter
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Input-Output Momentary
VISO
2500
V rms
RH
≤ 50%, t = 1 min.,
2, 11
Withstand Voltage*
TA = 25°C
Input-Output Resistance
RI-O
1012
VI-O = 500 Vdc
2
Input-Output Capacitance
CI-O
0.6
pF
f = 1 MHz
2
*The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output
continuous voltage rating. For the continuous voltage rating refer to the VDE 0884 Insulation Characteristics Table (if applicable),
your equipment level safety specification or HP Application Note 1074 entitled “Optocoupler Input-Output Endurance Voltage.”


Similar Part No. - HCPL-2601

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HCPL-2601 QT-HCPL-2601 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Broadcom Corporation.
HCPL-2601 BOARDCOM-HCPL-2601 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2601 HP-HCPL-2601 Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2601 HP-HCPL-2601 Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-2601 HP-HCPL-2601 Datasheet
261Kb / 10P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
More results

Similar Description - HCPL-2601

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2602-300E AVAGO-HCPL-2602-300E Datasheet
469Kb / 16P
   High CMR Line Receiver Optocouplers
HCPL-2602 AVAGO-HCPL-2602 Datasheet
469Kb / 16P
   High CMR Line Receiver Optocouplers Isolated line receiver
HCPL-4504 AVAGO-HCPL-4504 Datasheet
416Kb / 19P
   High CMR, High Speed Optocouplers
HCPL-4504-500E AVAGO-HCPL-4504-500E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-J454 HP-HCPL-J454 Datasheet
153Kb / 20P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504-000E AVAGO-HCPL-4504-000E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4504 HP-HCPL-4504 Datasheet
231Kb / 16P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com