Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT97SC3204 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT97SC3204
Description  Trusted Platform Module LPC Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT97SC3204 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT97SC3204_14 Datasheet HTML 1Page - ATMEL Corporation AT97SC3204_14 Datasheet HTML 2Page - ATMEL Corporation AT97SC3204_14 Datasheet HTML 3Page - ATMEL Corporation AT97SC3204_14 Datasheet HTML 4Page - ATMEL Corporation AT97SC3204_14 Datasheet HTML 5Page - ATMEL Corporation AT97SC3204_14 Datasheet HTML 6Page - ATMEL Corporation AT97SC3204_14 Datasheet HTML 7Page - ATMEL Corporation AT97SC3204_14 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Atmel AT97SC3204 LPC Interface [SUMMARY DATASHEET]
Atmel-5295ES-TPM-AT97SC3204-LPC-Interface-Datasheet-Summary-032013
2.
Block Diagram
The TPM includes a hardware random number generator, including a FIPS-approved Pseudo Random Number
Generator that is used for key generation and TCG protocol functions. The RNG is also available to the system to
generate random numbers that may be needed during normal operation.
The chip uses a dynamic internal memory management scheme to store multiple RSA keys. Other than the standard
TCG commands (TPM_FlushSpecific, TPM_Loadkey2), no system intervention is required to manage this internal key
cache.
The TPM is offered to OEM and ODM manufacturers as a turnkey solution, including the firmware integrated on the chip.
In addition, Atmel provides the necessary device driver software for integration into certain operating systems, along with
BIOS drivers. Atmel will also provide manufacturing support software for use by OEMs and ODMs during initialization
and verification of the TPM during board assembly.
Full documentation for TCG primitives can be found in the TCG TPM Main Specification, Parts 1 to 3, on the TCG Web
site located at https://www.trustedcomputinggroup.org. TPM features specific to PC Client platforms are specified in the
“TCG PC Client Specific TPM Interface Specification, Version 1.2”, also available on the TCG web site. Implementation
guidance for 32-bit PC platforms is outlined in the “TCG PC Client Specific Implementation Specification for Conventional
BIOS for TCG Version 1.2”, also available on the TCG website.
ROM
Program
EEPROM
Program
33MHz
LPC
Interface
GPIO
GPIO-Express-00
AVR
8-bit RISC
CPU
SRAM
EEPROM
Data
CRYPTO
Engine
RNG
Timer
Physical
Security
Circuitry


Similar Part No. - AT97SC3204_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT97SC3204 ATMEL-AT97SC3204 Datasheet
107Kb / 10P
   Trusted Platform Module
More results

Similar Description - AT97SC3204_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT97SC3205 ATMEL-AT97SC3205_14 Datasheet
322Kb / 10P
   Trusted Platform Module ??SPI Interface
AT97SC3205T ATMEL-AT97SC3205T Datasheet
324Kb / 10P
   Trusted Platform Module I2C Interface
logo
Infineon Technologies A...
SLM9670AQ2.0 INFINEON-SLM9670AQ2.0 Datasheet
542Kb / 24P
   Trusted Platform Module
Revision 1.0 2019-04-08
logo
ATMEL Corporation
AT97SC3203 ATMEL-AT97SC3203 Datasheet
216Kb / 8P
   Trusted Platform Module
AT97SC3204 ATMEL-AT97SC3204 Datasheet
107Kb / 10P
   Trusted Platform Module
AT97SC3203S ATMEL-AT97SC3203S_08 Datasheet
286Kb / 8P
   Trusted Platform Module
logo
Infineon Technologies A...
SLB9670TPM1.2 INFINEON-SLB9670TPM1.2 Datasheet
261Kb / 18P
   Trusted Platform Module
Revision 1.3 2018-09-21
SLB9660 INFINEON-SLB9660 Datasheet
912Kb / 22P
   Trusted Platform Module
Revision 1.0, 2014-12-12
logo
ATMEL Corporation
AT97SC3201 ATMEL-AT97SC3201 Datasheet
211Kb / 7P
   Trusted Platform Module
AT97SC3205T ATMEL-AT97SC3205T_14 Datasheet
324Kb / 10P
   Trusted Platform Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com