Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E34XB380 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # E34XB380
Description  E34 Series, Assembled Devices - Momentary Pushbutton and Indicating Light Units
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

E34XB380 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  E34XB380 Datasheet HTML 1Page - List of Unclassifed Manufacturers E34XB380 Datasheet HTML 2Page - List of Unclassifed Manufacturers E34XB380 Datasheet HTML 3Page - List of Unclassifed Manufacturers E34XB380 Datasheet HTML 4Page - List of Unclassifed Manufacturers E34XB380 Datasheet HTML 5Page - List of Unclassifed Manufacturers E34XB380 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
March 2008
CA08102001E
For more information visit: www.eaton.com
47-169
Pushbuttons & Indicating Lights
47
30.5 mm Corrosion Resistant Watertight/Oiltight
E34 Series, Momentary Pushbutton Components
Pushbuttons
Table 47-263. Momentary Pushbutton Operators, Non-illuminated — UL
(NEMA) Type 3, 3R, 4, 4X, 12, 13
Anodized aluminum head — may not be suitable for some corrosive
environments.
Note: Use NEMA 4X 10250T operators where exposed to ultraviolet
light, see Pages 47-115 – 47-165.
Contact Blocks
See Page 47-182 for additional contact blocks, fingerproof
shrouds and Transparent Amber colored blocks.
Contact Block
Table 47-264. Contact Blocks
Color
Catalog
Number
Price
U.S. $
Flush Button
Black
Red
Green
Yellow
White
Blue
Gray
Orange
E34PB1
E34PB2
E34PB3
E34PB4
E34PB5
E34PB6
E34PB7
E34PB8
Extended Button
Black
Red
Green
Yellow
White
Blue
Gray
Orange
E34EB1
E34EB2
E34EB3
E34EB4
E34EB5
E34EB6
E34EB7
E34EB8
Half Shrouded Button
Vertical
Horizontal
Black
Red
Green
Yellow
White
Blue
Gray
Orange
E34EVB1
E34EVB2
E34EVB3
E34EVB4
E34EVB5
E34EVB6
E34EVB7
E34EVB8
E34EHB1
E34EHB2
E34EHB3
E34EHB4
E34EHB5
E34EHB6
E34EHB7
E34EHB8
Mushroom Button
Black
Red
Green
Yellow
Blue
E34LB1
E34LB2
E34LB3
E34LB4
E34LB6
Anodized Aluminum Jumbo Mushroom Button
Black
Red
Red
(Engraved EMER. STOP)
Green
Yellow
E34JB1
E34JB2
E34JB2N8
E34JB3
E34JB4
Symbol
Circuit
Catalog
Number
Price
U.S. $
NC
10250T51
NO
10250T53
NO-NC
10250T1
2NC
10250T3
2NO
10250T2
Accessories . . . . . . . . . . . . . Pages 47-187 – 47-188
Dimensions . . . . . . . . . . . . . . Page 47-191
Enclosures . . . . . . . . . . . . . . Pages 47-185 – 47-186
Legend Plates. . . . . . . . . . . . Page 47-184
Discount Symbol . . . . . . . . . 1CD1C
Blank
No
Plunger
Blank
No
Plunger


Similar Part No. - E34XB380

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
E34 ZFSWITCHES-E34 Datasheet
1Mb / 5P
   High temperature versions optional
logo
Ferroxcube Internationa...
E34-3C81 FERROXCUBE-E34-3C81 Datasheet
62Kb / 6P
   E cores and accessories
E34-3C81-A250 FERROXCUBE-E34-3C81-A250 Datasheet
62Kb / 6P
   E cores and accessories
E34-3C81-A315 FERROXCUBE-E34-3C81-A315 Datasheet
62Kb / 6P
   E cores and accessories
E34-3C81-A400 FERROXCUBE-E34-3C81-A400 Datasheet
62Kb / 6P
   E cores and accessories
More results

Similar Description - E34XB380

ManufacturerPart #DatasheetDescription
logo
C&K Components
8060 CK-COMPONENTS-8060_V01 Datasheet
1Mb / 10P
   Alternate Action and Momentary Pushbutton Switches
2018
logo
ITT Industries
8060 ITT-8060 Datasheet
1Mb / 10P
   Alternate Action and Momentary Pushbutton Switches
logo
C&K Components
8060 CK-COMPONENTS-8060 Datasheet
726Kb / 10P
   Alternate Action and Momentary Pushbutton Switches
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
   Sealed Momentary Pushbutton Switches
logo
C&K Components
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 CK-COMPONENTS-E010_V01 Datasheet
885Kb / 6P
   Sealed Momentary Pushbutton Switches
17 Mar 22
logo
List of Unclassifed Man...
U1145 ETC2-U1145 Datasheet
94Kb / 1P
   9000 SERIES - MNIATURE MOMENTARY PUSHBUTTON SWTCHES
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
   Snap-Acting Momentary Pushbutton Switch
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
   Momentary Pushbutton Switches with LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com