Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC0808C Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT88SC0808C
Description  Atmel CryptoMemory, 8-Kbit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0808C Datasheet(HTML) 2 Page - ATMEL Corporation

  AT88SC0808C_14 Datasheet HTML 1Page - ATMEL Corporation AT88SC0808C_14 Datasheet HTML 2Page - ATMEL Corporation AT88SC0808C_14 Datasheet HTML 3Page - ATMEL Corporation AT88SC0808C_14 Datasheet HTML 4Page - ATMEL Corporation AT88SC0808C_14 Datasheet HTML 5Page - ATMEL Corporation AT88SC0808C_14 Datasheet HTML 6Page - ATMEL Corporation AT88SC0808C_14 Datasheet HTML 7Page - ATMEL Corporation AT88SC0808C_14 Datasheet HTML 8Page - ATMEL Corporation AT88SC0808C_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
AT88SC0808C [SUMMARY DATASHEET]
Atmel-2024MS-CryptoMem-AT88SC0808C-Datasheet-Summary_122013
2
Table 1.
Pin Assignment
Pad
Description
ISO Module
TWI Module
Standard Package Pin
VCC
Supply Voltage
C1
C1
8
GND
Ground
C5
C5
4
SCL/CLK
Serial Clock Input
C3
C3
6
SDA/IO
Serial Data Input/Output
C7
C7
5
RST
Reset Input
C2
NC
NC
Figure 1.
Pin Configuration
1.
Description
The Atmel® AT88SC0808C member of the Atmel CryptoMemory® family is a high-performance secure memory providing
8-Kbits of user memory with advanced security and cryptographic features built in. The user memory is divided into eight
128-byte zones, each of which may be individually set with different security access rights or effectively combined together to
provide space for one to eight data files.
1.1
Smart Card Applications
The AT88SC0808C provides high security, low cost, and ease of implementation without the need for a microprocessor
operating system. The embedded cryptographic engine provides for dynamic and symmetric mutual authentication between
the device and host, as well as performing stream encryption for all data and passwords exchanged between the device and
host. Up to four unique key sets may be used for these operations. The AT88SC0808C offers the ability to communicate with
virtually any smart card reader using the asynchronous T = 0 protocol (Gemplus Patent) defined in ISO 7816-3.
1.2
Embedded Applications
Through dynamic and symmetric mutual authentication, data encryption, and the use of encrypted checksums, the
AT88SC0808C provides a secure place for storage of sensitive information within a system. With its tamper detection circuits,
this information remains safe even under attack. A 2-wire serial interface running at 1.0MHz is used for fast and efficient
communications with up to 15 devices that may be individually addressed. The AT88SC0808C is available in industry standard
8-lead packages with the same familiar pinout as 2-wire Serial EEPROMs.
VCC=C1
RST=C2
SCL/CLK=C3
NC=C4
ISO Smart Card Module
C5=GND
C6=NC
C7=SDA/IO
C8=NC
NC
NC
NC
GND
1
2
3
4
8
7
6
5
8-lead SOIC, PDIP
VCC
NC
SCL
SDA
VCC=C1
NC=C2
SCL/CLK=C3
NC=C4
TWI Smart Card Module
C5=GND
C6=NC
C7=SDA/IO
C8=NC


Similar Part No. - AT88SC0808C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0808C-CI ATMEL-AT88SC0808C-CI Datasheet
199Kb / 14P
   CryptoMemory 8 Kbit
AT88SC0808C-ME ATMEL-AT88SC0808C-ME Datasheet
199Kb / 14P
   CryptoMemory 8 Kbit
AT88SC0808C-MJ ATMEL-AT88SC0808C-MJ Datasheet
409Kb / 18P
   CryptoMemory 8 Kbit
AT88SC0808C-MJ ATMEL-AT88SC0808C-MJ Datasheet
192Kb / 20P
   CryptoMemory 8 Kbit
AT88SC0808C-MP ATMEL-AT88SC0808C-MP Datasheet
199Kb / 14P
   CryptoMemory 8 Kbit
More results

Similar Description - AT88SC0808C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0104C ATMEL-AT88SC0104C_14 Datasheet
365Kb / 21P
   Atmel CryptoMemory, 1-Kbit
AT88SC0404C ATMEL-AT88SC0404C_14 Datasheet
369Kb / 21P
   Atmel CryptoMemory, 4-Kbit
AT88SC1616C ATMEL-AT88SC1616C_14 Datasheet
424Kb / 21P
   Atmel CryptoMemory, 16-Kbit
AT88SC0204C ATMEL-AT88SC0204C_14 Datasheet
366Kb / 21P
   Atmel CryptoMemory, 2-Kbit
AT88SC0808C ATMEL-AT88SC0808C_09 Datasheet
192Kb / 20P
   CryptoMemory 8 Kbit
AT88SC0808C ATMEL-AT88SC0808C Datasheet
199Kb / 14P
   CryptoMemory 8 Kbit
AT88SC0808C ATMEL-AT88SC0808C_07 Datasheet
409Kb / 18P
   CryptoMemory 8 Kbit
AT88SC0204CA ATMEL-AT88SC0204CA_11 Datasheet
307Kb / 23P
   Atmel CryptoMemory
AT88SC0104CA ATMEL-AT88SC0104CA_14 Datasheet
440Kb / 24P
   Atmel CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_14 Datasheet
457Kb / 24P
   Atmel CryptoMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com