Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E34EB7 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # E34EB7
Description  E34 Series, Assembled Devices - Momentary Pushbutton and Indicating Light Units
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

E34EB7 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  E34EB7 Datasheet HTML 1Page - List of Unclassifed Manufacturers E34EB7 Datasheet HTML 2Page - List of Unclassifed Manufacturers E34EB7 Datasheet HTML 3Page - List of Unclassifed Manufacturers E34EB7 Datasheet HTML 4Page - List of Unclassifed Manufacturers E34EB7 Datasheet HTML 5Page - List of Unclassifed Manufacturers E34EB7 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
March 2008
47-176
For more information visit: www.eaton.com
CA08102001E
Pushbuttons & Indicating Lights
47
30.5 mm Corrosion Resistant Watertight/Oiltight
E34 Series, Push-Pull Components
Push-Pull Operators (Continued)
Push-Pull Light Units, Lenses and Buttons
Table 47-278. Light Units for Illuminated Push-Pull Devices
These units do not include lamps. Order LED separately to match lens
color from chart at right.
Table 47-279. Buttons for Non-illuminated Push-Pull Devices
Anodized aluminum may not be suitable for use on some corrosive
applications.
Note: Use NEMA 4X 10250T operators where exposed to ultraviolet
light, see Pages 47-115 – 47-165.
Table 47-280. Alternate Lenses for Illuminated Push-Pull Devices
Suffix Codes should only be used for assembling composite Catalog
Numbers. To order lens, order by Catalog Number.
Table 47-281. LED Selection Table
Note: For a complete listing of all LEDs available, see Page 47-165.
Ordering example with one composite number:
Light Unit Type Type
Voltage Catalog
Number
Price
U.S. $
LED/Lamp
Number
LED
(LEDs not
included)
Full Voltage
10250T97L
Bayonet
Base
Transformer
AC Only
50/60 Hz
24
120
208
240
277
380
480
600
10250T89L
10250T63L
10250T64L
10250T65L
10250T82L
10250T66L
10250T67L
10250T68L
Incandescent
Full Voltage
AC or DC
6
12
24/28
32
10250T69
10250T70
10250T79
10250T83
#755
#756
#757
#1828
Resistor
AC or DC
120
240
10250T80
10250T81
120MB
Transformer
AC Only
50/60 Hz
24
120
208
240
277
380
480
600
10250T89
10250T63
10250T64
10250T65
10250T82
10250T66
10250T67
10250T68
#755
Color
Incand.
Suffix
Code
Catalog
Number
Price
U.S. $
Black
Red
Red (EMERG. STOP)
Green
Blue
C1
C2
C2N8
C3
C6
E34C1
E34C2
E34C2N8
E34C3
E34C6
Jumbo — Red
Jumbo — Red
(EMERGENCY STOP)
J2
J2N8
E34J2
E34J2N8
Color
Incand.
Suffix
Code
LED
Suffix
Code
Catalog
Number
Price
U.S. $
Red
Red (EMERG. STOP)
Green
Blue
Amber
M2
M2N8
M3
M6
M9
RD
ED
GD
LD
AD
E34M2
E34M2N8
E34M3
E34M6
E34M9
White
Clear
M5
M0
WD
E34M5
E34M0
Voltage
Color
Catalog
Number
Price
U.S. $
6V AC/DC
Suitable for
Use with
Transformers
Red
Orange
Yellow
Green
Blue
White
E22LED006RN
E22LED006ON
E22LED006YN
E22LED006GN
E22LED006BN
E22LED006WN
12V AC/DC
Red
Orange
Yellow
Green
Blue
White
E22LED012RN
E22LED012ON
E22LED012YN
E22LED012GN
E22LED012BN
E22LED012WN
24V AC/DC
Red
Orange
Yellow
Green
Blue
White
E22LED024RN
E22LED024ON
E22LED024YN
E22LED024GN
E22LED024BN
E22LED024WN
48V AC/DC
Red
Orange
Yellow
Green
Blue
White
E22LED048RN
E22LED048ON
E22LED048YN
E22LED048GN
E22LED048BN
E22LED048WN
60V AC/DC
Red
Orange
Yellow
Green
Blue
White
E22LED060RN
E22LED060ON
E22LED060YN
E22LED060GN
E22LED060BN
E22LED060WN
120V AC
Red
Orange
Yellow
Green
Blue
White
E22LED120RA
E22LED120OA
E22LED120YA
E22LED120GA
E22LED120BA
E22LED120WA
120V DC
Red
Orange
Yellow
Green
Blue
White
E22LED120RD
E22LED120OD
E22LED120YD
E22LED120GD
E22LED120BD
E22LED120WD
Non-illuminated E34GDB + E34C2 + 10250T1 =
E34GDBC2-1X
Incandescent
E34GDB + 10250T79 + E34M2 + 10250T1 =
E34GDB79M2-1X
LED
E34GDB + 10250T97L + E34M2 +Voltage Code + 10250T1 =
E34GDB97LRD24-1X
06 — 6V AC/DC
12 — 12V AC/DC
24 — 24V AC/DC
48 — 48V AC/DC
60 — 60V AC/DC
2A — 120V AC
2D — 120V DC
Contact Blocks . . . . . . . . . . . Page 47-182
Dimensions . . . . . . . . . . . . . . Page 47-191
Enclosures. . . . . . . . . . . . . . . Pages 47-185 – 47-186
Legend Plates . . . . . . . . . . . . Page 47-184
Replacement
Lamps/LEDs . . . . . . . . . . . Page 47-157
Discount Symbol . . . . . . . . . 1CD1C


Similar Part No. - E34EB7

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
E34 ZFSWITCHES-E34 Datasheet
1Mb / 5P
   High temperature versions optional
logo
Ferroxcube Internationa...
E34-3C81 FERROXCUBE-E34-3C81 Datasheet
62Kb / 6P
   E cores and accessories
E34-3C81-A250 FERROXCUBE-E34-3C81-A250 Datasheet
62Kb / 6P
   E cores and accessories
E34-3C81-A315 FERROXCUBE-E34-3C81-A315 Datasheet
62Kb / 6P
   E cores and accessories
E34-3C81-A400 FERROXCUBE-E34-3C81-A400 Datasheet
62Kb / 6P
   E cores and accessories
More results

Similar Description - E34EB7

ManufacturerPart #DatasheetDescription
logo
C&K Components
8060 CK-COMPONENTS-8060_V01 Datasheet
1Mb / 10P
   Alternate Action and Momentary Pushbutton Switches
2018
logo
ITT Industries
8060 ITT-8060 Datasheet
1Mb / 10P
   Alternate Action and Momentary Pushbutton Switches
logo
C&K Components
8060 CK-COMPONENTS-8060 Datasheet
726Kb / 10P
   Alternate Action and Momentary Pushbutton Switches
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
   Sealed Momentary Pushbutton Switches
logo
C&K Components
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 CK-COMPONENTS-E010_V01 Datasheet
885Kb / 6P
   Sealed Momentary Pushbutton Switches
17 Mar 22
logo
List of Unclassifed Man...
U1145 ETC2-U1145 Datasheet
94Kb / 1P
   9000 SERIES - MNIATURE MOMENTARY PUSHBUTTON SWTCHES
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
   Snap-Acting Momentary Pushbutton Switch
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
   Momentary Pushbutton Switches with LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com