Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBCS-A999 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HBCS-A999
Description  Bar Code Reader Tips and Optical Nest Assembly
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HBCS-A999 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HBCS-A999 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HBCS-A999 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HBCS-A999 Datasheet HTML 3Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4-30
5965-5949E
Bar Code Reader Tips and
Optical Nest Assembly
Technical Data
HBCS-A998 HBCS-4999
HBCS-A999 HBCS-T999
HBCS-2999
HBCS-A995
Features
• Rugged Sapphire Front End
• Enclosure Options:
Polycarbonate, Anodized
Aluminum, or Stainless Steel
• 15 kV ESD Isolation for
Polycarbonate Tips
• Compatible with HP Bar
Code Wands and Sensors
• Self Cleaning
• Long Service Life
• External Threads
Bar Code Reader Tips
Description
Hewlett-Packard offers a range of
tips to be used in conjunction
with HP optical reflective sensors
and as replacement tips for the
HP family of wand products. This
combination results in a high
performance optical system,
which is unique in its size and
precision. In addition to their
optical performance, the tips
protect the sensors and act as
mechanical holders. With a
rugged sapphire front end, these
tips are generally self cleaning
and should last for many years
under normal use.
All tips have an internal reference
ledge that positions the sensors
so that the maximum signal point
(MSP) occurs at the correct
position, making the tips suitable
for contact scanning.
HBCS-2999 Tip
HBCS-A995 Optical Nest Assembly
HBCS-T999 Tip
HBCS-4999 Tip
HBCS-A995 Bar Code
Reader Optical Nest
Assembly
HP also offers the HBCS-A995
bar code reader optical nest
assembly for custom applications.
This device consists of a rugged
sapphire ball bonded to a trans-
parent polycarbonate assembly .
The HBCS-A995 optical assembly
is an integral part of the HBCS-
A998/A999 tip and HBCS-AXXX
wand construction. The HBCS-
A995 can be bonded to a tip or a
case by either press fitting or
using a suitable adhesive.
Ultrasonic bonding is not
recommended. The HBCS-A995
polycarbonate assembly is UV
opaque and is made of Lexan
303-11103.
HBCS-A999 Tip
HBCS-A998 Tip
H


Similar Part No. - HBCS-A999

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBCS-A000 HP-HBCS-A000 Datasheet
178Kb / 4P
   Low Current Digital Bar Code Wand
HBCS-A007 HP-HBCS-A007 Datasheet
178Kb / 4P
   Low Current Digital Bar Code Wand
HBCS-A008 HP-HBCS-A008 Datasheet
178Kb / 4P
   Low Current Digital Bar Code Wand
HBCS-A100 HP-HBCS-A100 Datasheet
178Kb / 4P
   Low Current Digital Bar Code Wand
HBCS-A107 HP-HBCS-A107 Datasheet
178Kb / 4P
   Low Current Digital Bar Code Wand
More results

Similar Description - HBCS-A999

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A8351601 AMICC-A8351601 Datasheet
439Kb / 44P
   Bar Code Reader
logo
Agilent(Hewlett-Packard...
HBSW-8000 HP-HBSW-8000 Datasheet
164Kb / 5P
   Hewlett-Packard SmartWand Bar Code Reader
HBCS-7100 HP-HBCS-7100 Datasheet
156Kb / 6P
   Industrial Digital Bar Code Slot Reader
logo
Festo Corporation.
2930233 FESTO-2930233 Datasheet
84Kb / 2P
   Code Reader
8058723 FESTO-8058723 Datasheet
83Kb / 2P
   Code Reader
2930239 FESTO-2930239 Datasheet
83Kb / 2P
   Code Reader
2930240 FESTO-2930240 Datasheet
83Kb / 2P
   Code Reader
2930232 FESTO-2930232 Datasheet
84Kb / 2P
   Code Reader
2930237 FESTO-2930237 Datasheet
83Kb / 2P
   Code Reader
8058715 FESTO-8058715 Datasheet
84Kb / 2P
   Code Reader
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com