Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBCS-7150 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HBCS-7150
Description  Industrial Digital Bar Code Slot Reader
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HBCS-7150 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  HBCS-7150 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HBCS-7150 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HBCS-7150 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HBCS-7150 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HBCS-7150 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HBCS-7150 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
4-80
Symbol Placement
The center of the slot reader’s
optical system is located 12.7 mm
(0.50 in.) from the bottom of the
slot. Consequently, bar code
symbols to be read by the slot
reader must be positioned on the
card(s) or document(s) at a
height which insures that all bars
and spaces will cross a line located
12.7 mm from the bottom edge of
the card(s) or document(s). For
optimal performance, all bars and
spaces should cross the area
between 1.14 mm (0.45 in.) and
1.40 mm (0.55 in.) from the
bottom edge.
The bars and spaces should be
perpendicular to the bottom edge,
however, a skew of
± 4 degrees
from the perpendicular is
acceptable.
Maintenance
Considerations
The slot reader and optics module
include a window which is slightly
recessed in order to prevent
direct contact with the bar code
symbol. This reduces the wear on
both the window and the symbol.
The window may become dirty
over a period of time. If this
occurs, clean the window with a
commercial glass cleaner.
Testing
All Hewlett-Packard slot readers
are 100% tested for performance
and digitizing accuracy after
manufacture. This insures a
consistent quality product. More
information about Hewlett-
Packard’s test procedures, test set
up, and test limits are available on
request.
Optional Features
For options such as special cables
or connectors, contact your
nearest Hewlett-Packard sales
office or authorized
representative.
Warranty and Service
Hewlett Packard Slot Readers are
warranted for a period of one year
after purchase covering defects in
material and workmanship.
Hewlett-Packard will repair or, at
its option, replace products that
prove to be defective in material
or workmanship under proper use
during the warranty period.
NO OTHER WARRANTIES ARE
EXPRESSED OR IMPLIED,
INCLUDING BUT NOT LIMITED
TO THE IMPLIED WARRANTIES
OF MERCHANTABILITY AND
FITNESS FOR A PARTICULAR
PURPOSE. HEWLETT-PACKARD
IS NOT LIABLE FOR
CONSEQUENTIAL DAMAGES.
For additional warranty or service
information, please contact your
local Hewlett-Packard sales
representative or authorized
distributor.


Similar Part No. - HBCS-7150

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBCS-1100 HP-HBCS-1100 Datasheet
190Kb / 7P
   High Resolution Optical Reflective Sensor
HBCS-2999 HP-HBCS-2999 Datasheet
197Kb / 3P
   Bar Code Reader Tips and Optical Nest Assembly
HBCS-4999 HP-HBCS-4999 Datasheet
197Kb / 3P
   Bar Code Reader Tips and Optical Nest Assembly
HBCS-A000 HP-HBCS-A000 Datasheet
178Kb / 4P
   Low Current Digital Bar Code Wand
HBCS-A007 HP-HBCS-A007 Datasheet
178Kb / 4P
   Low Current Digital Bar Code Wand
More results

Similar Description - HBCS-7150

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A8351601 AMICC-A8351601 Datasheet
439Kb / 44P
   Bar Code Reader
logo
Agilent(Hewlett-Packard...
HBSW-8000 HP-HBSW-8000 Datasheet
164Kb / 5P
   Hewlett-Packard SmartWand Bar Code Reader
HBCS-A998 HP-HBCS-A998 Datasheet
197Kb / 3P
   Bar Code Reader Tips and Optical Nest Assembly
logo
Festo Corporation.
2930233 FESTO-2930233 Datasheet
84Kb / 2P
   Code Reader
8058723 FESTO-8058723 Datasheet
83Kb / 2P
   Code Reader
2930239 FESTO-2930239 Datasheet
83Kb / 2P
   Code Reader
2930240 FESTO-2930240 Datasheet
83Kb / 2P
   Code Reader
2930232 FESTO-2930232 Datasheet
84Kb / 2P
   Code Reader
2930237 FESTO-2930237 Datasheet
83Kb / 2P
   Code Reader
8058715 FESTO-8058715 Datasheet
84Kb / 2P
   Code Reader
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com