Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-0452-500 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HCPL-0452-500
Description  Single Channel, High Speed Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0452-500 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0452-500 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0452-500 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0452-500 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0452-500 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-0452-500 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-0452-500 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-0452-500 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-0452-500 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-0452-500 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Parameter
Sym.
Device
Min. Typ.** Max.
Units
Test Conditions
Fig.
Note
Propagation
tPHL*
6N135
0.2
1.5
µsT
A = 25°CRL = 4.1 kΩ
5, 6,
8, 9
HCPL-0500
2.0
11
HCNW135
6N136
0.2
0.8
TA = 25°CRL = 1.9 kΩ
HCPL-2502
HCPL-4502/3
HCPL-0501
HCPL-0452/3
1.0
HCNW136
HCNW4502/3
Propagation
tPLH*
6N135
1.3
1.5
µsT
A = 25°CRL = 4.1 kΩ
5, 6,
8, 9
HCPL-0500
2.0
11
HCNW135
6N136
0.6
0.8
TA = 25°CRL = 1.9 kΩ
HCPL-2502
HCPL-4502/3
HCPL-0501
HCPL-0452/3
1.0
HCNW136
HCNW4502/3
Common Mode
|CMH|
6N135
1
kV/
µsR
L = 4.1 kΩ
IF = 0 mA, TA = 25°C,
12
7, 8,
HCPL-0500
VCM = 10 Vp-p
9
HCNW135
CL = 15 pF
6N136
1
RL = 1.9 kΩ
HCPL-2502
HCPL-4502
HCPL-0501
HCPL-0452
HCNW4502
HCPL-4503
15
30
RL = 1.9 kΩ IF = 0 mA, TA = 25°C,
HCPL-0453
VCM = 1500 Vp-p,
HCNW4503
CL = 15 pF
Common Mode
|CML|
6N135
1
kV/
µsR
L = 4.1 kΩ
IF = 16 mA, TA = 25°C,
12
7, 8,
HCPL-0500
VCM = 10 Vp-p
9
HCNW135
CL = 15 pF
6N136
1
RL = 1.9 kΩ
HCPL-2502
HCPL-4502
HCPL-0501
HCPL-0452
HCNW4502
HCPL-4503
15
30
RL = 1.9 kΩ IF = 16 mA, TA = 25°C,
HCPL-0453
VCM = 1500 Vp-p,
HCNW4503
CL = 15 pF
Bandwidth
BW
6N135/6
9
MHz
See Test Circuit
8, 10
10
HCPL-2502
HCPL-0500/1
HCNW135/6
11
*For JEDEC registered parts.
**All typicals at TA = 25°C.
Switching Specifications (AC)
Over recommended temperature (TA = 0°C to 70°C), VCC = 5 V, IF = 16 mA unless otherwise specified.
Delay Time
to Logic Low
at Output
Delay Time to
Logic High at
Output
Transient
Immunity at
Logic High
Level Output
Transient
Immunity at
Logic Low
Level Output


Similar Part No. - HCPL-0452-500

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0452-500E AVAGO-HCPL-0452-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
More results

Similar Description - HCPL-0452-500

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
6N136-020E AVAGO-6N136-020E Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW4502 AVAGO-HCNW4502 Datasheet
341Kb / 16P
   Single Channel, High Speed Optocouplers TTL compatible
6N135 AVAGO-6N135 Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers TTL compatible
logo
Guangdong Youtai Semico...
6N135 UMW-6N135 Datasheet
793Kb / 7P
   Single Channel,High Speed 1MBit/s Transistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com