Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-0452-500 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL-0452-500
Description  Single Channel, High Speed Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0452-500 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0452-500 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0452-500 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0452-500 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0452-500 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0452-500 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0452-500 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-0452-500 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-0452-500 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-0452-500 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Absolute Maximum Ratings
Parameter
Symbol
Device
Min.
Max.
Units
Note
Storage Temperature*
TS
-55
125
°C
Operating Temperature*
TA
8-Pin DIP
-55
100
°C
SO-8
Widebody
-55
85
Average Forward Input Current*
IF(AVG)
25
mA
1
Peak Forward Input Current*
IF(PEAK)
8-Pin DIP
2
(50% duty cycle, 1 ms pulse width)
SO-8
50
mA
(50% duty cycle, 1 ms pulse width)
Widebody
40
Peak Transient Input Current*
IF(TRANS)
8-Pin DIP
1
A
(
≤ 1 µs pulse width, 300 pps)
SO-8
Widebody
0.1
Reverse LED Input Voltage* (Pin 3-2)
VR
8-Pin DIP
5
V
SO-8
Widebody
3
Input Power Dissipation*
PIN
8-Pin DIP
45
mW
3
SO-8
Widebody
40
Average Output Current* (Pin 6)
IO(AVG)
8mA
Peak Output Current*
IO(PEAK)
16
mA
Emitter-Base Reverse Voltage*
VEBR
5V
(Pin 5-7, except 4502/3, 0452/3)
Supply Voltage (Pin 8-5)
VCC
-0.5
30
V
Output Voltage (Pin 6-5)
VO
-0.5
20
V
Supply Voltage* (Pin 8-5)
VCC
-0.5
15
V
Output Voltage* (Pin 6-5)
VO
-0.5
15
V
Base Current* (Pin 7, except 4502/3, 0452/3)
IB
5mA
Output Power Dissipation*
PO
100
mW
4
Lead Solder Temperature*
(Through-Hole Parts Only)
1.6 mm below seating plane, 10 seconds
TLS
8-Pin DIP
260
°C
up to seating plane, 10 seconds
Widebody
260
°C
Reflow Temperature Profile
TRP
SO-8 and
Option 300
*Data has been registered with JEDEC for the 6N135/6N136.
See Package Outline
Drawings section


Similar Part No. - HCPL-0452-500

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0452-500E AVAGO-HCPL-0452-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
More results

Similar Description - HCPL-0452-500

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
6N136-020E AVAGO-6N136-020E Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW4502 AVAGO-HCNW4502 Datasheet
341Kb / 16P
   Single Channel, High Speed Optocouplers TTL compatible
6N135 AVAGO-6N135 Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers TTL compatible
logo
Guangdong Youtai Semico...
6N135 UMW-6N135 Datasheet
793Kb / 7P
   Single Channel,High Speed 1MBit/s Transistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com