Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F4UEEAU Datasheet(PDF) 10 Page - C&K Components

Part # F4UEEAU
Description  Up to 10 poles per module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

F4UEEAU Datasheet(HTML) 10 Page - C&K Components

Back Button F4UEEAU Datasheet HTML 2Page - C&K Components F4UEEAU Datasheet HTML 3Page - C&K Components F4UEEAU Datasheet HTML 4Page - C&K Components F4UEEAU Datasheet HTML 5Page - C&K Components F4UEEAU Datasheet HTML 6Page - C&K Components F4UEEAU Datasheet HTML 7Page - C&K Components F4UEEAU Datasheet HTML 8Page - C&K Components F4UEEAU Datasheet HTML 9Page - C&K Components F4UEEAU Datasheet HTML 10Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
A-97
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
A
Third Angle
Projection
F Series
Pushbutton Switches
CHASSIS
.591
(15,0)
NO. OF STATIONS
SPACING
SPACING
0.015
6.339
(161,01)
6.103
(155,02)
10
0.015
5.749
(146,02)
5.513
(140,03)
9
0.015
5.158
(131,01)
4.922
(125,02)
8
0.015
4.568
(116,03)
4.332
(110,03)
7
0.015
3.977
(101,02)
3.741
(95,02)
6
0.010
3.386
(86,00)
3.150
(80,01)
5
0.010
2.796
(71,02)
2.560
(65,02)
4
0.010
2.205
(56,01)
1.969
(50,01)
3
0.005
1.615
(41,02)
1.374
(34,90)
2
Tolerance
Dim. ‘B’
Dim. ‘A’
No. of Stations
0.015
7.225
(183,52)
6.989
(177,52)
10
0.015
6.536
(166,01)
6.300
(160,02)
9
0.015
5.847
(148.51)
5.611
(142,52)
8
0.015
5.158
(131,01)
4.922
(125,02)
7
0.015
4.469
(113,51)
4.233
(107,52)
6
0.010
3.780
(96,01)
3.544
(90,02)
5
0.010
3.091
(78.51)
2.855
(75,52)
4
0.010
2.402
(61,01)
2.166
(55,02)
3
0.005
1.713
(43,51)
1.477
(37,52)
2
Tolerance
Dim. ‘B’
Dim. ‘A’
No. of Stations
0.015
8.111
(206,02)
7.875
(200,03)
10
0.015
7.323
(186,00)
7.087
(180,01)
9
0.015
6.536
(166,01)
6.300
(160,02)
8
0.015
5.748
(146,00)
5.512
(140,00)
7
0.015
4.961
(126,01)
4.725
(120,02)
6
0.010
4.174
(106,02)
3.938
(100,03)
5
0.010
3.386
(86,00)
3.150
(80,01)
4
0.010
2.599
(66,01)
2.363
(60,02)
3
0.005
1.811
(46,00)
1.575
(40,01)
2
Tolerance
Dim. ‘B’
Dim. ‘A’
No. of Stations
15
15mm
20
20mm
17.5
17.5mm


Similar Part No. - F4UEEAU

ManufacturerPart #DatasheetDescription
logo
C&K Components
F4UEETB01AMAUB CK-COMPONENTS-F4UEETB01AMAUB Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
F4UEETB01AMAUC CK-COMPONENTS-F4UEETB01AMAUC Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
F4UEETB01BMAUB CK-COMPONENTS-F4UEETB01BMAUB Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
F4UEETB01BMAUC CK-COMPONENTS-F4UEETB01BMAUC Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
More results

Similar Description - F4UEEAU

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMR3000 HONEYWELL-HMR3000_16 Datasheet
446Kb / 7P
   Up to 20 Updates per Second
logo
STMicroelectronics
STEVAL-ILL035V1 STMICROELECTRONICS-STEVAL-ILL035V1 Datasheet
256Kb / 6P
   Up to 15 white LEDs per channel
June 2012 Rev 1
logo
Xilinx, Inc
XCCACEM16BG388I XILINX-XCCACEM16BG388I Datasheet
311Kb / 29P
   Configuration rates up to 152 Mb per second
logo
RF Monolithics, Inc
DM2200-916VM-1 RFM-DM2200-916VM-1 Datasheet
347Kb / 6P
   Up to 600 meters Module to Module range
logo
International Rectifier
IRS23365DMPBF IRF-IRS23365DMPBF_15 Datasheet
594Kb / 37P
   Gate drive supplies up to 20 V per channel
logo
Coolgear Inc.
U2CHGRHUB20 COOLGEAR-U2CHGRHUB20 Datasheet
683Kb / 2P
   Charge and Sync, provides up to 2.4Amps per port
Rev 01.200714
logo
STMicroelectronics
SPC564A70B4 STMICROELECTRONICS-SPC564A70B4 Datasheet
984Kb / 133P
   Up to 4 multiply and accumulate operations per cycle
September 2013 Rev 4
SPC564A74B4 STMICROELECTRONICS-SPC564A74B4 Datasheet
1Mb / 157P
   Up to 4 multiply and accumulate operations per cycle
September 2013 Rev 9
logo
M/A-COM Technology Solu...
MGV075-X MA-COM-MGV075-X Datasheet
487Kb / 5P
   Tuning Ratios up to 10
logo
National Instruments Co...
NI6123 NI-NI6123 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com